Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3136D2PWPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3136D2PWPR
Description  10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3136D2PWPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPA3136D2PWPR Datasheet HTML 12Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 13Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 14Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 15Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 16Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 17Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 18Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 19Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
1nF
100µF
100nF
GND
GND
GND
IN_RIGHT
IN_LEFT
PVCC
1nF
1nF
GND
FB
FB
1nF
1nF
GND
FB
FB
1nF
100µF
100nF
GND
TPA3136D2
13
14
1
2
3
4
5
6
7
8
9
10
11
12
OUTPL
PVCC
OUTNR
OUTPR
GND
PVCC
BSPR
PVCC
PVCC
OUTNL
BSNL
BSPL
GND
BSNR
LINP
/FAULT
PBTL
RINP
RINN
PLIMIT
NC
NC
AVCC
LINN
/SD
GVDD
GND
NC
27
28
25
26
23
24
21
22
19
20
17
18
15
16
220nF
220nF
220nF
220nF
/SHUTDOWN
1µF
1µF
1µF
10R
GND
PVCC
10k
1µF
GND
GND
1µF
56k
39k
1µF
GND
Copyright © 2017, Texas Instruments Incorporated
16
TPA3136D2, TPA3136AD2
SLOS938D – MAY 2016 – REVISED MARCH 2017
www.ti.com
Product Folder Links: TPA3136D2 TPA3136AD2
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The TPA3136D2/TPA3136AD2 device is designed for use in inductor free applications with limited distance wire
length) between amplifier and speakers like in TV sets, sound docks and Bluetooth speakers. The
TPA3136D2/TPA3136AD2 device can either be configured in stereo or mono mode, depending on output power
conditions. Depending on output power requirements and necessity for (speaker) load protection, the built in
PLIMIT circuit can be used to control system power, see functional description of these features.
10.2 Typical Applications
Figure 18. Stereo Class-D Amplifier with BTL Output and Single-Ended Inputs with Spread Spectrum
Modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com