Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3136D2PWPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3136D2PWPR
Description  10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3136D2PWPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPA3136D2PWPR Datasheet HTML 19Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 20Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 21Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 22Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 23Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 24Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 25Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 26Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
23
TPA3136D2, TPA3136AD2
www.ti.com
SLOS938D – MAY 2016 – REVISED MARCH 2017
Product Folder Links: TPA3136D2 TPA3136AD2
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
11 Power Supply Recommendations
11.1 Power Supply Decoupling, CS
The TPA3136D2/TPA3136AD2 device is a high-performance CMOS audio amplifier that requires adequate
power supply decoupling to ensure that the output total harmonic distortion (THD) is as low as possible. Power
supply decoupling also prevents oscillations for long lead lengths between the amplifier and the speaker.
Optimum decoupling is achieved by using a network of capacitors of different types that target specific types of
noise on the power supply leads. For higher frequency transients due to parasitic circuit elements such as bond
wire and copper trace inductances as well as lead frame capacitance, a good quality low equivalent-series-
resistance (ESR) ceramic capacitor of value between 220 pF and 1000 pF works well. This capacitor should be
placed as close to the device PVCC pins and system ground (either GND pins or thermal pad) as possible. For
mid-frequency noise due to filter resonances or PWM switching transients as well as digital hash on the line,
another good quality capacitor typically 0.1 μF to 1 µF placed as close as possible to the device PVCC leads
works best. For filtering lower frequency noise signals, a larger aluminum electrolytic capacitor of 100 μF or
greater placed near the audio power amplifier is recommended. The 100-μF capacitor also serves as a local
storage capacitor for supplying current during large signal transients on the amplifier outputs. The PVCC pins
provide the power to the output transistors, so a 100-µF or larger capacitor should be placed on each PVCC pin.
A 1-µF capacitor on the AVCC pin is adequate. Also, a small decoupling resistor between AVCC and PVCC can
be used to keep high frequency class-D noise from entering the linear input amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com