Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3136D2PWPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3136D2PWPR
Description  10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3136D2PWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPA3136D2PWPR Datasheet HTML 18Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 19Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 20Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 21Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 22Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 23Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 24Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 25Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Frequency (MHz)
EN55022 Class B
20
30
40
50
60
70
80
5
0.15
0.3
0.5
1
2
3
10
30
20
QP readings
QP limit
Frequency (MHz)
EN55022 Class B
20
30
40
50
60
70
80
5
0.15
0.3
0.5
1
2
3
10
30
20
QP readings
QP limit
22
TPA3136D2, TPA3136AD2
SLOS938D – MAY 2016 – REVISED MARCH 2017
www.ti.com
Product Folder Links: TPA3136D2 TPA3136AD2
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Applications (continued)
10.2.3 Application Performance Curves
10.2.3.1 EN55013 Radiated Emissions Results
TPA3136D2 EVM, PVCC = 12 V, 8-Ω speakers, PO = 4 W
Figure 23. Radiated Emission - Horizontal
Figure 24. Radiated Emission - Vertical
10.2.3.2 EN55022 Conducted Emissions Results
TPA3136D2 EVM, PVCC = 12 V, 8-Ω speakers, PO = 4 W
Figure 25. Conducted Emission - Line
Figure 26. Conducted Emission - Neutral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com