Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3136D2PWPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3136D2PWPR
Description  10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3136D2PWPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPA3136D2PWPR Datasheet HTML 10Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 11Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 12Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 13Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 14Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 15Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 16Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 17Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
14
TPA3136D2, TPA3136AD2
SLOS938D – MAY 2016 – REVISED MARCH 2017
www.ti.com
Product Folder Links: TPA3136D2 TPA3136AD2
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Feature Description (continued)
9.3.9 Thermal Protection
Thermal protection on the TPA3136D2/TPA3136AD2 device prevents damage to the device when the internal
die temperature exceeds 150°C. There is a ±15°C tolerance on this trip point from device to device. Once the die
temperature exceeds the thermal trip point, the device enters into the shutdown state and the outputs are
disabled. This is a latched fault.
Thermal protection faults are reported on the FAULT pin.
If automatic recovery from the thermal protection latch is desired, connect the FAULT pin directly to the SD pin.
This allows the FAULT pin function to automatically drive the SD pin low which clears the thermal protection
latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com