Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3136D2PWPR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3136D2PWPR
Description  10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3136D2PWPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPA3136D2PWPR Datasheet HTML 11Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 12Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 13Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 14Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 15Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 16Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 17Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 18Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
OUTP
OUTN
OUTP-OUTN
Speaker
Current
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
0 V
0 V
PVCC
No Output
Positive Output
Negative Output
0 A
0 A
0 V
- PVCC
15
TPA3136D2, TPA3136AD2
www.ti.com
SLOS938D – MAY 2016 – REVISED MARCH 2017
Product Folder Links: TPA3136D2 TPA3136AD2
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
9.4 Device Functional Modes
The TPA3136D2/TPA3136AD2 device is running in BD-modulation.
This is a modulation scheme that allows operation without the classic LC reconstruction filter when the amp is
driving an inductive load with short speaker wires. Each output is switching from 0 volts to the supply voltage.
The OUTPx and OUTNx are in phase with each other with no input so that there is little or no current in the
speaker. The duty cycle of OUTPx is greater than 50% and OUTNx is less than 50% for positive output voltages.
The duty cycle of OUTPx is less than 50% and OUTNx is greater than 50% for negative output voltages. The
voltage across the load sits at 0 V throughout most of the switching period, reducing the switching current, which
reduces any I2R losses in the load.
Figure 17. BD Mode Modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com