Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3136D2PWPR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3136D2PWPR
Description  10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3136D2PWPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPA3136D2PWPR Datasheet HTML 20Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 21Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 22Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 23Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 24Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 25Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 26Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 27Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
24
TPA3136D2, TPA3136AD2
SLOS938D – MAY 2016 – REVISED MARCH 2017
www.ti.com
Product Folder Links: TPA3136D2 TPA3136AD2
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
12 Layout
12.1 Layout Guidelines
The TPA3136D2/TPA3136AD2 device can be used with a small, inexpensive ferrite bead output filter for most
applications. However, since the Class-D switching edges are fast, it is necessary to take care when planning the
layout of the printed circuit board. The following suggestions will help to meet EMC requirements.
•
Decoupling capacitors—The high-frequency decoupling capacitors should be placed as close to the PVCC
and AVCC pins as possible. Large (100-µF or greater) bulk power supply decoupling capacitors should be
placed near the TPA3136D2/TPA3136AD2 device on the PVCC supplies. Local, high-frequency bypass
capacitors should be placed as close to the PVCC pins as possible. These caps can be connected to the
thermal pad directly for an excellent ground connection. Consider adding a small, good quality low ESR
ceramic capacitor between 220 pF and 1000 pF and a larger mid-frequency cap of value between 0.1 μF and
1 μF also of good quality to the PVCC connections at each end of the chip.
•
Keep the current loop from each of the outputs through the ferrite bead and the small filter cap and back to
GND as small and tight as possible. The size of this current loop determines its effectiveness as an antenna.
•
Grounding—The AVCC (pin 14) decoupling capacitor should be connected to ground (GND). The PVCC
decoupling capacitors should connect to GND. Analog ground and power ground should be connected at the
thermal
pad,
which
should
be
used
as
a
central
ground
connection
or
star
ground
for
the
TPA3136D2/TPA3136AD2.
•
Output filter—The ferrite EMI filter (Figure 20) should be placed as close to the output pins as possible for the
best EMI performance. The capacitors used in the ferrite should be grounded to power ground.
•
Thermal Pad—The thermal pad must be soldered to the PCB for proper thermal performance and optimal
reliability. The dimensions of the thermal pad and thermal land should be 6.46 mm × 2.35 mm. Six rows of
solid vias (three vias per row, 0.3302 mm or 13 mils diameter) should be equally spaced underneath the
thermal land. The vias should connect to a solid copper plane, either on an internal layer or on the bottom
layer of the PCB. The vias must be solid vias, not thermal relief or webbed vias. See the TI Application
Report SLMA002 for more information about using the TSSOP thermal pad. For recommended PCB
footprints, see figures at the end of this data sheet.
For an example layout, see the TPA3136D2 Evaluation Module (TPA3136D2EVM) User Manual. Both the EVM
user manual and the thermal pad application report are available on the TI Web site at http://www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com