Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3136D2PWPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3136D2PWPR
Description  10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3136D2PWPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPA3136D2PWPR Datasheet HTML 13Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 14Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 15Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 16Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 17Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 18Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 19Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 20Page - Texas Instruments TPA3136D2PWPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
1nF
100µF
100nF
GND
GND
GND
IN
PVCC
1nF
1nF
GND
FB
FB
1nF
100µF
100nF
GND
TPA3136D2
13
14
1
2
3
4
5
6
7
8
9
10
11
12
OUTPL
PVCC
OUTNR
OUTPR
GND
PVCC
BSPR
PVCC
PVCC
OUTNL
BSNL
BSPL
GND
BSNR
LINP
/FAULT
PBTL
RINP
RINN
PLIMIT
NC
NC
AVCC
LINN
/SD
GVDD
GND
NC
27
28
25
26
23
24
21
22
19
20
17
18
15
16
470nF
470nF
/SHUTDOWN
1µF
10R
PVCC
56k
39k
GND
10k
1µF
GND
GND
1µF
1µF
Copyright © 2017, Texas Instruments Incorporated
17
TPA3136D2, TPA3136AD2
www.ti.com
SLOS938D – MAY 2016 – REVISED MARCH 2017
Product Folder Links: TPA3136D2 TPA3136AD2
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Applications (continued)
Figure 19. Stereo Class-D Amplifier with PBTL Output and Single-Ended Input with Spread Spectrum
Modulation
10.2.1 Design Requirements
10.2.1.1 PCB Material Recommendation
FR-4 Glass Epoxy material with 1 oz. (35 µm) is recommended for use with the TPA3136D2/TPA3136AD2. The
use of this material can provide for higher power output, improved thermal performance, and better EMI margin
(due to lower PCB trace inductance). It is recommended to use several GND underneath the device thermal pad
for thermal coupling to a bottom side copper GND plane for best thermal performance.
10.2.1.2 PVCC Capacitor Recommendation
The large capacitors used in conjunction with each full-bridge, are referred to as the PVCC Capacitors. These
capacitors should be selected for proper voltage margin and adequate capacitance to support the power
requirements. In practice, with a well designed system power supply, 100 μF, 16 V will support most applications
with 12-V power supply. 25-V capacitor rating is recommended for power supply voltage higher than 12 V. For
The PVCC capacitors should be low ESR type because they are used in a circuit associated with high-speed
switching.
10.2.1.3 Decoupling Capacitor Recommendations
In order to design an amplifier that has robust performance, passes regulatory requirements, and exhibits good
audio performance, good quality decoupling capacitors should be used. In practice, X7R should be used in this
application.
The voltage of the decoupling capacitors should be selected in accordance with good design practices.
Temperature, ripple current, and voltage overshoot must be considered. This fact is particularly true in the
selection of the ceramic capacitors that are placed on the power supply to each full-bridge. They must withstand
the voltage overshoot of the PWM switching, the heat generated by the amplifier during high power output, and
the ripple current created by high power output. A minimum voltage rating of 16 V is required for use with a 12-V
power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com