Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3703 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3703
Description  100V Synchronous Switching Regulator Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3703 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3703 Datasheet HTML 12Page - Linear Technology LTC3703 Datasheet HTML 13Page - Linear Technology LTC3703 Datasheet HTML 14Page - Linear Technology LTC3703 Datasheet HTML 15Page - Linear Technology LTC3703 Datasheet HTML 16Page - Linear Technology LTC3703 Datasheet HTML 17Page - Linear Technology LTC3703 Datasheet HTML 18Page - Linear Technology LTC3703 Datasheet HTML 19Page - Linear Technology LTC3703 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LTC3703
16
3703f
Since
∆IL increases with input voltage, the output ripple is
highest at maximum input voltage. ESR also has a signifi-
cant effect on the load transient response. Fast load
transitions at the output will appear as voltage across the
ESR of COUT until the feedback loop in the LTC3703 can
change the inductor current to match the new load current
value. Typically, once the ESR requirement is satisfied the
capacitance is adequate for filtering and has the required
RMS current rating.
Manufacturers such as Nichicon, United Chemicon and
Sanyo should be considered for high performance
throughhole capacitors. The OS-CON (organic semicon-
ductor dielectric) capacitor available from Sanyo has the
lowest product of ESR and size of any aluminum electro-
lytic at a somewhat higher price. An additional ceramic
capacitor in parallel with OS-CON capacitors is recom-
mended to reduce the effect of their lead inductance.
In surface mount applications, multiple capacitors placed
in parallel may be required to meet the ESR, RMS current
handling and load step requirements. Dry tantalum, spe-
cial polymer and aluminum electrolytic capacitors are
available in surface mount packages. Special polymer
capacitors offer very low ESR but have lower capacitance
density than other types. Tantalum capacitors have the
highest capacitance density but it is important to only use
types that have been surge tested for use in switching
power supplies. Several excellent surge-tested choices
are the AVX TPS and TPSV or the KEMET T510 series.
Aluminum electrolytic capacitors have significantly higher
ESR, but can be used in cost-driven applications providing
that consideration is given to ripple current ratings and
long term reliability. Other capacitor types include
Panasonic SP and Sanyo POSCAPs.
Output Voltage
The LTC3703 output voltage is set by a resistor divider
according to the following formula:
VV
R
R
OUT =+


08
1
1
2
.
The external resistor divider is connected to the output as
shown in the Functional Diagram, allowing remote voltage
sensing. The resultant feedback signal is compared with
the internal precision 800mV voltage reference by the
error amplifier. The internal reference has a guaranteed
tolerance of
±1%. Tolerance of the feedback resistors will
add additional error to the output voltage. 0.1% to 1%
resistors are recommended.
MOSFET Driver Supplies (DRVCC and BOOST)
The LTC3703 drivers are supplied from the DRVCC and
BOOST pins (see Figure 3), which have an absolute
maximum voltage of 15V. If the main supply voltage, VIN,
is higher than 15V a separate supply with a voltage
between 9V and 15V must be used to power the drivers. If
a separate supply is not available, one can easily be
generated from the main supply using one of the circuits
shown in Figure 10. If the output voltage is between 10V
and 15V, the output can be used to directly power the
drivers as shown in Figure 10a. If the output is below 10V,
Figure 10b shows an easy way to boost the supply voltage
to a sufficient level. This boost circuit uses the LT1613 in
a ThinSOT
TM package and a chip inductor for minimal extra
area (<0.2 in2). Two other possible schemes are an extra
winding on the inductor (Figure 10c) or a capacitive
charge pump (Figure 10d). All the circuits shown in
Figure 10 require a start-up circuit (Q1, D1 and R1) to
provide driver power at initial start-up or following a short-
circuit. The resistor R1 must be sized so that it supplies
sufficient base current and zener bias current at the lowest
expected value of VIN. When using an existing supply, the
supply must be capable of supplying the required gate
driver current which can be estimated from:
IDRVCC = (f)(QG(TOP) + QG(BOTTOM))
This equation for IDRVCC is also useful for properly sizing
the circuit components shown in Figure 10.
An external bootstrap capacitor, CB, connected to the
BOOST pin supplies the gate drive voltage for the topside
MOSFETs. Capacitor CB is charged through external
diode, DB, from the DRVCC supply when SW is low. When
the top side MOSFET is turned on, the driver places the CB
voltage across the gate-source of the top MOSFET. The
switch node voltage, SW, rises to VIN and the BOOST pin
follows. With the topside MOSFET on, the boost voltage
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com