Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3703 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3703
Description  100V Synchronous Switching Regulator Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3703 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3703 Datasheet HTML 24Page - Linear Technology LTC3703 Datasheet HTML 25Page - Linear Technology LTC3703 Datasheet HTML 26Page - Linear Technology LTC3703 Datasheet HTML 27Page - Linear Technology LTC3703 Datasheet HTML 28Page - Linear Technology LTC3703 Datasheet HTML 29Page - Linear Technology LTC3703 Datasheet HTML 30Page - Linear Technology LTC3703 Datasheet HTML 31Page - Linear Technology LTC3703 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC3703
32
3703f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 1203 1K • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LT1074HV/LT1076HV
Monolithic 5A/2A Step-Down DC/DC Converters
VIN up to 60V, TO-220 and DD Packages
LT1339
High Power Synchronous DC/DC Controller
VIN up to 60V, Drivers 10,000pF Gate Capacitance, IOUT ≤ 20A
LTC1702A
Dual, 2-Phase Synchronous DC/DC Controller
550kHz Operation, No RSENSE, 3V ≤ VIN ≤ 7V, IOUT ≤ 20A
LTC1735
Synchronous Step-Down DC/DC Controller
3.5V
≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤6V, Current Mode, IOUT ≤ 20A
LTC1778
No RSENSE Synchronous DC/DC Controller
4V
≤ VIN ≤ 36V, Fast Transient Response, Current Mode, IOUT ≤ 20A
LT1956
Monolithic 1.5A, 500kHz Step-Down Regulator
5.5V
≤ VIN ≤ 60V, 2.5mA Supply Current, 16-Pin SSOP
LT3010
50mA, 3V to 80V Linear Regulator
1.275V
≤ VOUT ≤ 60V, No Protection Diode Required, 8-Lead MSOP
LT3430/LT3431
Monolithic 3A, 200kHz/500kHz Step-Down Regulator
5.5V
≤ VIN ≤ 60V, 0.1Ω Saturation Switch, 16-Pin SSOP
LT3433
Monolithic Step-Up/Step-Down DC/DC Converter
4V
≤ VIN ≤ 60V, 500mA Switch, Automatic Step-Up/Step-Down,
Single Inductor
5V to 12V/5A Synchronous Boost Converter
LTC3703
MODE/SYNC
FSET
COMP
FB
IMAX
INV
RUN/SS
GND
VIN
BOOST
TG
SW
VCC
DRVCC
BG
BGRTN
COUT
220
µF
16V
×2
RMAX 13k
CC1
0.1
µF
R2
8.06k
1%
RF
10
Ω
R1
113k
1%
RSET 25k
CB
0.1
µF
M2
Si7366DP
L1
3.3
µH
MBRS140T3
VIN
3V TO 11V
VOUT
12V
5A
CIN
100
µF
16V
DB
CMDSH-3
VCC
9.3V TO 15V
CSS
0.1
µF
3703 TA03
CDRVCC
10
µF
CVCC
1
µF
+
+
+
M1
Si7348DP
22
µF
25V
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com