Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3703 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3703
Description  100V Synchronous Switching Regulator Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3703 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3703 Datasheet HTML 17Page - Linear Technology LTC3703 Datasheet HTML 18Page - Linear Technology LTC3703 Datasheet HTML 19Page - Linear Technology LTC3703 Datasheet HTML 20Page - Linear Technology LTC3703 Datasheet HTML 21Page - Linear Technology LTC3703 Datasheet HTML 22Page - Linear Technology LTC3703 Datasheet HTML 23Page - Linear Technology LTC3703 Datasheet HTML 24Page - Linear Technology LTC3703 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC3703
21
3703f
TYPE 2 Loop:
TYPE 3 Loop:
APPLICATIO S I FOR ATIO
section. An example of a boost converter circuit is shown
in the Typical Applications section. To operate the LTC3703
in boost mode, the INV pin should be tied to the VCC
voltage (or a voltage above 2V). Note that in boost mode,
pulse-skip operation and the line feedforward compensa-
tion are disabled.
For a boost converter, the duty cycle of the main switch is:
D
VV
V
OUT
IN
OUT
=
–
For high VOUT to VIN ratios, the maximum VOUT is limited
by the LTC3703’s maximum duty cycle which is typically
93%. The maximum output voltage is therefore:
V
V
D
V
OUT MAX
IN MIN
MAX
IN MIN
()
()
()
–
=≅
1
14
Boost Converter: Inductor Selection
In a boost converter, the average inductor current equals
the average input current. Thus, the maximum average
inductor current can be calculated from:
I
I
D
I
V
V
LMAX
OMAX
MAX
OMAX
O
IN MIN
()
()
()
()
•
=
−
=
1
Similar to a buck converter, choose the ripple current to be
20% to 40% of IL(MAX). The ripple current amplitude then
determines the inductor value as follows:
L
V
If
D
IN MIN
L
MAX
=
∆
()
•
•
The minimum required saturation current for the inductor
is:
IL(SAT) > IL(MAX) + ∆IL/2
Boost Converter: Power MOSFET Selection
For information about choosing power MOSFETs for a
boost converter, see the Power MOSFET Selection section
for the buck converter, since MOSFET selection is similar.
However, note that the power dissipation equations for the
MOSFETs at maximum output current in a boost converter
are:
K
BOOST
C
fG K R
CC K
R
K
fC
R
VR
VV
B
REF
OUT
REF
=+ °


=
=−
()
=
=
−
tan
•• • •
••
()
2
45
2
1
21
12
1
2
21
1
2
π
π
K
BOOST
C
fG R
CC K
R
K
fC
R
R
K
C
fK R
R
VR
VV
B
REF
OUT
REF
=+ °


=
=−
()
=
=
−
=
=
−
tan
•• •
••
•
()
2
4
45
2
1
21
12
1
2
21
3
1
1
3
1
23
1
π
π
π
Boost Converter Design
The following sections discuss the use of the LTC3703 as
a step-up (boost) converter. In boost mode, the LTC3703
can step-up output voltages as high as 80V. These sec-
tions discuss only the design steps specific to a boost
converter. For the design steps common to both a buck
and a boost, see the applicable section in the buck mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com