Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3703 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC3703
Description  100V Synchronous Switching Regulator Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3703 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC3703 Datasheet HTML 23Page - Linear Technology LTC3703 Datasheet HTML 24Page - Linear Technology LTC3703 Datasheet HTML 25Page - Linear Technology LTC3703 Datasheet HTML 26Page - Linear Technology LTC3703 Datasheet HTML 27Page - Linear Technology LTC3703 Datasheet HTML 28Page - Linear Technology LTC3703 Datasheet HTML 29Page - Linear Technology LTC3703 Datasheet HTML 30Page - Linear Technology LTC3703 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
LTC3703
27
3703f
watching the output. If this isn’t convenient, a current step
generator is needed. This generator needs to be able to
turn on and off in nanoseconds to simulate a typical
switching logic load, so stray inductance and long clip
leads between the LTC3703 and the transient generator
must be minimized.
Figure 19 shows an example of a simple transient genera-
tor. Be sure to use a noninductive resistor as the load
element—many power resistors use an inductive spiral
pattern and are not suitable for use here. A simple solution
is to take ten 1/4W film resistors and wire them in parallel
to get the desired value. This gives a noninductive resistive
load which can dissipate 2.5W continuously or 50W if
pulsed with a 5% duty cycle, enough for most LTC3703
circuits. Solder the MOSFET and the resistor(s) as close to
the output of the LTC3703 circuit as possible and set up
the signal generator to pulse at a 100Hz rate with a 5% duty
cycle. This pulses the LTC3703 with 500
µstransients10ms
apart, adequate for viewing the entire transient recovery
time for both positive and negative transitions while keep-
ing the load resistor cool.
With 10
µH inductor, ripple current will vary from 3.2A to
4A (32% to 40%) over the input supply range.
Next, verify that the minimum on-time is not violated. The
minimum on-time occurs at maximum VIN:
t
V
V
f
kHz
ns
ON MIN
OUT
IN MIN
()
()()
(
)
==
=
12
72 250
667
which is above the LTC3703’s 200ns minimum on-time.
Next, choose the top and bottom MOSFET switch. Since
the drain of each MOSFET will see the full supply voltage
72V(max) plus any ringing, choose a 100V MOSFET to
provide a margin of safety. Si7456DP has a 100V BVDSS,
RDS(ON) = 25mΩ(max), δ = 0.009/°C, CMILLER = (19nC –
10nC)/50V = 180pF, VGS(MILLER) = 4.7V, θJA = 20°C/W.
The power dissipation can be estimated at maximum input
voltage, assuming a junction temperature of 100
°C (30°C
above an ambient of 70
°C):
P
pF
k
WW
W
MAIN =+
[]
+


+


=+
=
12
72
10
1 0 009 100 25 0 025
72
10
2
2 180
1
10 4 7
1
47
250
070
0 94
164
2
2
()
.
(
–
) ( .
)
()
( )(
)•
–.
.
()
..
.
And double check the assumed TJ in the MOSFET:
TJ = 70°C + (1.64W)(20°C/W) = 103°C
Since the synchronous MOSFET will be conducting over
twice as long each period (almost 100% of the period in
short circuit) as the top MOSFET, use two Si7456DP
MOSFETs on the bottom:
P
W
SYNC =
−


+
[]


=
72 12
72
10
1 0 009 100 25
0 025
2
174
2
()
.
(
–
) •
.
.
TJ = 70°C + (1.74W)(20°C/W) = 105°C
Next, set the current limit resistor. Since IMAX = 10A, the
limit should be set such that the minimum current limit is
>10A. Minimum current limit occurs at maximum RDS(ON).
APPLICATIO S I FOR ATIO
Figure 19. Transient Load Generator
LTC3703
VOUT
IRFZ44 OR
EQUIVALENT
RLOAD
50
Ω
0V TO 10V
100Hz, 5%
DUTY CYCLE
LOCATE CLOSE TO THE OUTPUT
3703 F19
PULSE
GENERATOR
Design Example
As a design example, take a supply with the following
specifications: VIN = 36V to 72V (48V nominal), VOUT =
12V
±5%, IOUT(MAX) = 10A, f=250kHz. First, calculate RSET
to give the 250kHz operating frequency:
RSET = 7100/(250-25) = 31.6k
Next, choose the inductor value for about 40% ripple
current at maximum VIN:
L
V
kHz
A
H
=


=µ
12
250
0 4 10
1
12
72
10
(
)( . )(
)
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com