Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3703 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC3703
Description  100V Synchronous Switching Regulator Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3703 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC3703 Datasheet HTML 24Page - Linear Technology LTC3703 Datasheet HTML 25Page - Linear Technology LTC3703 Datasheet HTML 26Page - Linear Technology LTC3703 Datasheet HTML 27Page - Linear Technology LTC3703 Datasheet HTML 28Page - Linear Technology LTC3703 Datasheet HTML 29Page - Linear Technology LTC3703 Datasheet HTML 30Page - Linear Technology LTC3703 Datasheet HTML 31Page - Linear Technology LTC3703 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LTC3703
28
3703f
Using the above calculation for bottom MOSFET TJ, the
max RDS(ON) = (25mΩ/2) [1 + 0.009 (105-25)] = 21.5mΩ
Therefore, IMAX pin voltage should be set to (10A)(0.0215)
= 0.215V. The RSET resistor can now be chosen to be
0.215V/12
µA = 18kΩ.
CIN is chosen for an RMS current rating of about 5A (IMAX/
2) at 85
°C. For the output capacitor, two low ESR OSCON
capacitors (18m
Ω each) are used to minimize output
voltage changes due to inductor current ripple and load
steps. The ripple voltage will be:
∆VOUT(RIPPLE) = ∆IL(MAX) (ESR) = (4A)(0.018Ω/2)
= 36mV
However, a 0A to 10A load step will cause an output
voltage change of up to:
∆VOUT(STEP) = ∆ILOAD(ESR) = (10A)(0.009Ω)
= 90mV
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC3703. These items are also illustrated graphically in
the layout diagram of Figure 18. For layout of a Boost Mode
Converter, layout is similar with VIN and VOUT swapped.
Check the following in your layout:
1. Keep the signal and power grounds separate. The signal
ground consists of the LTC3703 GND pin, the ground
return of CVCC, and the (–) terminal of VOUT. The power
ground consists of the Schottky diode anode, the source
of the bottom side MOSFET, and the (–) terminal of the
input capacitor and DRVCC capacitor. Connect the signal
and power grounds together at the (–) terminal of the
output capacitor. Also, try to connect the (–) terminal of
the output capacitor as close as possible to the (–)
terminals of the input and DRVCC capacitor and away from
the Schottky loop described in (2).
2. The high di/dt loop formed by the top N-channel
MOSFET, the bottom MOSFET and the CIN capacitor
should have short leads and PC trace lengths to minimize
high frequency noise and voltage stress from inductive
ringing.
3. Connect the drain of the top side MOSFET directly to the
(+) plate of CIN, and connect the source of the bottom side
MOSFET directly to the (–) terminal of CIN. This capacitor
provides the AC current to the MOSFETs.
4. Place the ceramic CDRVCC decoupling capacitor imme-
diately next to the IC, between DRVCC and BGRTN. This
capacitor carries the MOSFET drivers’ current peaks.
Likewise the CB capacitor should also be next to the IC
between BOOST and SW.
5. Place the small-signal components away from high
frequency switching nodes (BOOST, SW, TG, and BG). In
the layout shown in Figure 20, all the small signal compo-
nents have been placed on one side of the IC and all of the
power components have been placed on the other. This
also helps keep the signal ground and power ground
isolated.
6. A separate decoupling capacitor for the supply, VCC, is
useful with an RC filter between the DRVCC supply and VCC
pin to filter any noise injected by the drivers. Connect this
capacitor close to the IC, between the VCC and GND pins
and keep the ground side of the VCC capacitor (signal
ground) isolated from the ground side of the DRVCC
capacitor (power ground).
7. For optimum load regulation and true remote sensing,
the top of the output resistor divider should connect
independently to the top of the output capacitor (Kelvin
connection), staying away from any high dV/dt traces.
Place the divider resistors near the LTC3703 in order to
keep the high impedance FB node short.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com