Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3703 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3703
Description  100V Synchronous Switching Regulator Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3703 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3703 Datasheet HTML 13Page - Linear Technology LTC3703 Datasheet HTML 14Page - Linear Technology LTC3703 Datasheet HTML 15Page - Linear Technology LTC3703 Datasheet HTML 16Page - Linear Technology LTC3703 Datasheet HTML 17Page - Linear Technology LTC3703 Datasheet HTML 18Page - Linear Technology LTC3703 Datasheet HTML 19Page - Linear Technology LTC3703 Datasheet HTML 20Page - Linear Technology LTC3703 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LTC3703
17
3703f
Figure 10a. VCC Generated from 10V < VOUT < 15V
APPLICATIO S I FOR ATIO
VCC
DRVCC
VIN
TG
SW
BG
BGRTN
LTC3703
VOUT
10V TO
15V
+
COUT
3703 F10a
+
CIN
+
1
µF
VIN
L1
12V
VCC
DRVCC
VIN
TG
SW
BG
BGRTN
LTC3703
VOUT
<10V
+
COUT
3703 F10b
+
CIN
C9
4.7
µF
6.3V
VIN
L1
12V
C10
1
µF
16V
VIN
SW
GND
SHDN
FB
R17
1M
1%
R17
110k
1%
LT1613
D2
ZHCS400
L2
10
µH
Figure 10b. VCC Generated from VOUT < 10V
is above the input supply: VBOOST = VIN + VDRVCC. The
value of the boost capacitor CB needs to be 100 times that
of the total input capacitance of the top side MOSFET(s).
The reverse breakdown of the external diode, DB, must be
greater than VIN(MAX). Another important consideration
for the external diode is the reverse recovery and reverse
leakage, either of which may cause excessive reverse
current to flow at full reverse voltage. If the reverse
current times reverse voltage exceeds the maximum
VCC
DRVCC
FCB
GND
VIN
TG1
SW
BG1
BGRTN
LTC3703
VOUT
VSEC
+
COUT
+
1
µF
3703 F10c
R1
VIN
T1
OPTIONAL VCC
CONNECTION
10V < VSEC < 15V
R2
+
CIN
12V
N
1
VCC
DRVCC
VIN
TG
SW
BG
BGRTN
LTC3703
VOUT
+
COUT
3703 F10d
+
+
CIN
VIN (<40V)
L1
1
µF
12V
BAT85
BAT85
BAT85
VN2222LL
0.22
µF
Figure 10c. Secondary Output Loop and VCC Connection
Figure 10d. Capacitive Charge Pump for VCC (VIN < 40V)
allowable power dissipation, the diode may be damaged.
For best results, use an ultrafast recovery silicon diode
such as the BAS21.
An internal undervoltage lockout (UVLO) monitors the
voltage on DRVCC to ensure that the LTC3703 has suffi-
cient gate drive voltage. If the DRVCC voltage falls below
the UVLO threshold, the LTC3703 shuts down and the gate
drive outputs remain low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com