Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3703 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC3703
Description  100V Synchronous Switching Regulator Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3703 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC3703 Datasheet HTML 21Page - Linear Technology LTC3703 Datasheet HTML 22Page - Linear Technology LTC3703 Datasheet HTML 23Page - Linear Technology LTC3703 Datasheet HTML 24Page - Linear Technology LTC3703 Datasheet HTML 25Page - Linear Technology LTC3703 Datasheet HTML 26Page - Linear Technology LTC3703 Datasheet HTML 27Page - Linear Technology LTC3703 Datasheet HTML 28Page - Linear Technology LTC3703 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTC3703
25
3703f
oscillator can synchronize to frequencies between 100kHz
and 600kHz, independent of the frequency programmed
by the RSET resistor. However, it is recommended that an
RSET resistor be chosen such that the frequency pro-
grammed by the RSET resistor is close to the expected
frequency of the external clock. In this way, the best
converter operation (ripple, component stress, etc) is
achieved if the external clock signal is lost.
Minimum On-Time Considerations (Buck Mode)
Minimum on-time tON(MIN) is the smallest amount of time
that the LTC3703 is capable of turning the top MOSFET on
and off again. It is determined by internal timing delays and
the amount of gate charge required to turn on the top
MOSFET. Low duty cycle applications may approach this
minimum on-time limit and care should be taken to ensure
that:
t
V
Vf
t
ON
OUT
IN
ON MIN
=>
•
()
where tON(MIN) is typically 200ns.
If the duty cycle falls below what can be accommodated by
the minimum on-time, the LTC3703 will begin to skip
cycles. The output will be regulated, but the ripple current
and ripple voltage will increase. If lower frequency opera-
tion is acceptable, the on-time can be increased above
tON(MIN) for the same step-down ratio.
Pin Clearance/Creepage Considerations
The LTC3703 is available in two packages (GN16 and G28)
both with identical functionality. The GN16 package gives
the smallest size solution, however the 0.013” (minimum)
space between pins may not provide sufficient PC board
trace clearance between high and low voltage pins in
higher voltage applications. Where clearance is an issue,
the G28 package should be used. The G28 package has 4
unconnected pins between the all adjacent high voltage
and low voltage pins, providing 5(0.0106”) = 0.053”
clearance which will be sufficient for most applications up
to 100V. For more information, refer to the printed circuit
board design standards described in IPC-2221
(www.ipc.org).
APPLICATIO S I FOR ATIO
Efficiency Considerations
The efficiency of a switching regulator is equal to the
output power divided by the input power (x100%). Per-
cent efficiency can be expressed as:
%Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percentage
of input power. It is often useful to analyze the individual
losses to determine what is limiting the efficiency and
what change would produce the most improvement. Al-
though all dissipative elements in the circuit produce
losses, four main sources usually account for most of the
losses in LTC3703 circuits: 1) LTC3703 VCC current, 2)
MOSFET gate current, 3) I2R losses, 4) Topside MOSFET
transition losses.
1. VCC Supply current. The VCC current is the DC supply
current given in the Electrical Characteristics table which
powers the internal control circuitry of the LTC3703. Total
supply current is typically about 2.5mA and usually results
in a small (<1%) loss which is proportional to VCC.
2. DRVCC current is MOSFET driver current. This current
results from switching the gate capacitance of the power
MOSFETs. Each time a MOSFET gate is switched on and
then off, a packet of gate charge QG moves from DRVCC to
ground. The resulting dQ/dt is a current out of the DRVCC
supply. In continuous mode, IDRVCC = f(QG(TOP) + QG(BOT)),
where QG(TOP) and QG(BOT) are the gate charges of the top
and bottom MOSFETs.
3. I2R losses are predicted from the DC resistances of
MOSFETs, the inductor and input and output capacitor
ESR. In continuous mode, the average output current
flows through L but is “chopped” between the topside
MOSFET and the synchronous MOSFET. If the two
MOSFETs have approximately the same RDS(ON), then the
resistance of one MOSFET can simply be summed with the
DCR resistance of L to obtain I2R losses. For example, if
each RDS(ON) = 25mΩ and RL = 25mΩ, then total resis-
tance is 50m
Ω. This results in losses ranging from 1% to
5% as the output current increases from 1A to 5A for a 5V
output.
4. Transition losses apply only to the topside MOSFET in
buck mode and they become significant when operating at



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com