Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7771BCPZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD7771BCPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771BCPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7771BCPZ Datasheet HTML 28Page - Analog Devices AD7771BCPZ Datasheet HTML 29Page - Analog Devices AD7771BCPZ Datasheet HTML 30Page - Analog Devices AD7771BCPZ Datasheet HTML 31Page - Analog Devices AD7771BCPZ Datasheet HTML 32Page - Analog Devices AD7771BCPZ Datasheet HTML 33Page - Analog Devices AD7771BCPZ Datasheet HTML 34Page - Analog Devices AD7771BCPZ Datasheet HTML 35Page - Analog Devices AD7771BCPZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 99 page
background image
Data Sheet
AD7771
Rev. 0 | Page 31 of 98
0
80
70
60
50
40
30
20
10
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
SUPPLY VOLTAGE (V)
AVDD1x
AVDD2x
AVDD4
IOVDD
Figure 92. Shutdown Supply Current vs. Supply Voltage
60
50
40
30
20
10
0
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
SUPPLY VOLTAGE (V)
AVDD1x
AVDD2x
AVDD4
IOVDD
Figure 93. Power Consumption per Channel vs. Supply Voltage,
High Resolution Mode
90
80
70
50
60
30
40
10
20
0
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
AVDD1x
AVDD2x
AVDD4
IOVDD
Figure 94. Power Dissipation vs. Temperature, High Resolution Mode
0
500
400
300
200
100
450
350
250
150
50
–60
–40
–20
0
20
40
60
80
100
140
120
TEMPERATURE (°C)
AVDD1x
AVDD2x
AVDD4
IOVDD
Figure 95. Shutdown Supply Current vs. Temperature
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
SUPPLY VOLTAGE (V)
20
18
16
14
12
10
8
6
4
2
0
AVDD1x
AVDD2x
AVDD4
IOVDD
Figure 96. Power Consumption per Channel vs. Supply Voltage,
Low Power Mode
25
20
10
15
5
0
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
AVDD1x
AVDD2x
AVDD4
IOVDD
Figure 97. Power Dissipation vs. Temperature, Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com