Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7771BCPZ Datasheet(PDF) 87 Page - Analog Devices

Part # AD7771BCPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771BCPZ Datasheet(HTML) 87 Page - Analog Devices

Back Button AD7771BCPZ Datasheet HTML 83Page - Analog Devices AD7771BCPZ Datasheet HTML 84Page - Analog Devices AD7771BCPZ Datasheet HTML 85Page - Analog Devices AD7771BCPZ Datasheet HTML 86Page - Analog Devices AD7771BCPZ Datasheet HTML 87Page - Analog Devices AD7771BCPZ Datasheet HTML 88Page - Analog Devices AD7771BCPZ Datasheet HTML 89Page - Analog Devices AD7771BCPZ Datasheet HTML 90Page - Analog Devices AD7771BCPZ Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 99 page
background image
AD7771
Data Sheet
Rev. 0 | Page 86 of 98
CHANNEL 7 GAIN UPPER BYTE REGISTER
Address: 0x049, Reset: 0x00, Name: CH7_GAIN_UPPER_BYTE
Com bined gain regis ter Channel 7
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] CH7_GAIN_ALL[23:16] (R/W)
Table 116. Bit Descriptions for CH7_GAIN_UPPER_BYTE
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CH7_GAIN_ALL[23:16]
Combined Gain Register Channel 7
0x0
R/W
CHANNEL 7 GAIN MIDDLE BYTE REGISTER
Address: 0x04A, Reset: 0x00, Name: CH7_GAIN_MID_BYTE
Com bined gain regis ter Channel 7
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] CH7_GAIN_ALL[15:8] (R/W)
Table 117. Bit Descriptions for CH7_GAIN_MID_BYTE
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CH7_GAIN_ALL[15:8]
Combined Gain Register Channel 7
0x0
R/W
CHANNEL 7 GAIN LOWER BYTE REGISTER
Address: 0x04B, Reset: 0x00, Name: CH7_GAIN_LOWER_BYTE
Com bined gain regis ter Channel 7
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] CH7_GAIN_ALL[7:0] (R/W)
Table 118. Bit Descriptions for CH7_GAIN_LOWER_BYTE
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CH7_GAIN_ALL[7:0]
Combined Gain Register Channel 7
0x0
R/W
CHANNEL 0 STATUS REGISTER
Address: 0x04C, Reset: 0x00, Name: CH0_ERR_REG
Channel 0 - Reference detect error
AIN0- undervoltage error
AIN0+ overvoltage error
AIN0- overvoltage error
AIN0+ undervoltage error
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:5] RESERVED
[0] CH0_ERR_REF_DET (R)
[4] CH0_ERR_AINM_UV (R)
[1] CH0_ERR_AINP_OV (R)
[3] CH0_ERR_AINM_OV (R)
[2] CH0_ERR_AINP_UV (R)
Table 119. Bit Descriptions for CH0_ERR_REG
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved
0x0
R/W
4
CH0_ERR_AINM_UV
Channel 0—AIN0− Undervoltage Error
0x0
R
3
CH0_ERR_AINM_OV
Channel 0—AIN0− Overvoltage Error
0x0
R
2
CH0_ERR_AINP_UV
Channel 0—AIN0+ Undervoltage Error
0x0
R
1
CH0_ERR_AINP_OV
Channel 0—AIN0+ Overvoltage Error
0x0
R
0
CH0_ERR_REF_DET
Channel 0—Reference Detect Error
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com