Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7771BCPZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD7771BCPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771BCPZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7771BCPZ Datasheet HTML 24Page - Analog Devices AD7771BCPZ Datasheet HTML 25Page - Analog Devices AD7771BCPZ Datasheet HTML 26Page - Analog Devices AD7771BCPZ Datasheet HTML 27Page - Analog Devices AD7771BCPZ Datasheet HTML 28Page - Analog Devices AD7771BCPZ Datasheet HTML 29Page - Analog Devices AD7771BCPZ Datasheet HTML 30Page - Analog Devices AD7771BCPZ Datasheet HTML 31Page - Analog Devices AD7771BCPZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 99 page
background image
Data Sheet
AD7771
Rev. 0 | Page 27 of 98
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
1
2
4
8
PGA GAIN
HIGH RESOLUTION
LOW POWER
TEMPERATURE = 25°C
AVDD1x = 3.3V
VREF = 2.5V
VIN = 0dBFS
Figure 68. Channel Gain Mismatch
0.008
–0.010
–40
125
TEMPERATURE (°C)
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
CH 0
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
–30 –20 –10 0 10 20 30 40 50 60 70 80 90 100 110
VREF = 2.5V
VIN = –0.5dBFS
SUPPLY = AVDD1x = 3.3V
Figure 69. Total Unadjusted Error (TUE) (as Percent of Input) vs. Temperature,
High Resolution Mode
3
–5
–3
0
2
–1
–4
–2
1
–2.5
–1.5
–0.5
0.5
1.5
–2.0
–1.0
0
1.0
2.0
2.5
DIFFERENTIAL INPUT VOLTAGE ((AINx+) – (AINx–))
VREF = 2.5V
SUPPLY = AVDD1x = 3.3V
AINx+, VCM = 1.95V
AINx–, VCM = 1.95V
AINx+; VCM = 1.35V
AINx–, VCM = 1.35V
Figure 70. Input Current vs. Differential Input Voltage,
High Resolution Mode
–40
25
105
125
TEMPERATURE (°C)
–6
4
3
2
1
0
–1
–2
–3
–4
–5
Figure 71. Internal Reference Voltage Drift
0.006
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
–40
125
TEMPERATURE (°C)
CH 0
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
–30 –20 –10 0 10 20 30 40 50 60 70 80 90 100 110
VREF = 2.5V
VIN = –0.5dBFS
SUPPLY = AVDD1x = 3.3V
Figure 72. Total Unadjusted Error (TUE) (as Percent of Input) vs.
Temperature, Low Power Mode
1.0
0.8
–0.8
–0.6
0
0.4
0.6
–0.2
–0.4
0.2
–2.5
–1.5
–0.5
0.5
1.5
–2.0
–1.0
0
1.0
2.0
2.5
DIFFERENTIAL INPUT VOLTAGE ((AINx+) – (AINx–))
VREF = 2.5V
SUPPLY = AVDD1x = 3.3V
AINx+, VCM = 1.95V
AINx–, VCM = 1.95V
AINx+; VCM = 1.35V
AINx–, VCM = 1.35V
Figure 73. Input Current vs. Differential Input Voltage,
Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com