Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7771BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD7771BCPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7771BCPZ Datasheet HTML 2Page - Analog Devices AD7771BCPZ Datasheet HTML 3Page - Analog Devices AD7771BCPZ Datasheet HTML 4Page - Analog Devices AD7771BCPZ Datasheet HTML 5Page - Analog Devices AD7771BCPZ Datasheet HTML 6Page - Analog Devices AD7771BCPZ Datasheet HTML 7Page - Analog Devices AD7771BCPZ Datasheet HTML 8Page - Analog Devices AD7771BCPZ Datasheet HTML 9Page - Analog Devices AD7771BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 99 page
background image
Data Sheet
AD7771
Rev. 0 | Page 5 of 98
SPECIFICATIONS
AVDD1x = 1.65 V, AVSSx1 = −1.65 V (dual supply operation), AVDD1x = 3.3 V, AVSSx = analog ground (AGND) (single-supply operation),
AVDD2x − AVSSx = 2.2 V to 3.6 V; IOVDD = 1.8 V to 3.6 V; DGND = 0 V, REFx+/REFx− = 2.5 V AVSSx (internal/external), master clock
(MCLK) = 8192 kHz for high resolution mode and 4096 kHz for low power mode, ODR = 128 kSPS for high resolution mode and 32 kSPS
for low power mode; all specifications at TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ANALOG INPUTS
Differential Input Voltage Range
VREF = (REFx+ − REFx−)
±VREF/PGAGAIN
V
Single-Ended Input Voltage Range
0 to VREF/PGAGAIN
V
AINx± Common-Mode Input Range
AVSSx + 0.10
(AVDD1x +
AVSSx)/2
AVDD1x − 0.10
V
Absolute AINx± Voltage Limits
AVSSx + 0.10
AVDD1x − 0.10
V
DC Input Current
Differential
High resolution mode
±4
nA
Low power mode
±1
nA
Single-Ended
High resolution mode
±8
nA
Low power mode
±2
nA
Input Current Drift
50
pA/°C
AC Input Capacitance
8
pF
PROGRAMMABLE GAIN AMPLIFIER (PGA)
Gain Settings (PGAGAIN)
1, 2, 4, or 8
Bandwidth
Small Signal
High resolution mode
2
MHz
Low power mode
512
kHz
Large Signal
High resolution mode
See Figure 39, Figure 40, and Figure 44
Low power mode
See Figure 42, Figure 43, and Figure 47
REFERENCE
Internal
Initial Accuracy
REF_OUT, TA = 25°C
2.495
2.5
2.505
V
Temperature Coefficient
±10
±38
ppm/°C
Reference Load Current, IL
−10
+10
mA
DC Power Supply Rejection
Line regulation
95
dB
Load Regulation, ∆VOUT/∆IL
100
µV/mA
Voltage Noise, eNp-p
0.1 Hz to 10 Hz
6.8
µV rms
Voltage Noise Density, eN
1 kHz, 2.5 V reference
273.5
nV/√Hz
Turn On Settling Time
100 nF
1.5
ms
External
Input Voltage
VREF = (REFx+ − REFx−)
1
2.5
AVDD1x
V
Buffer Headroom
AVSSx + 0.1
AVDD1x − 0.1
V
REFx− Input Voltage
AVSSx
AVDD1x − REFx+
V
Average REFx± Input Current
Current per channel
Reference buffer disabled,
high resolution mode
18
µA/V
Reference buffer precharge mode
(pre-Q), high resolution mode
600
nA/V
Reference buffer disabled,
low power mode
4.5
µA/V
Reference buffer pre-Q,
low power mode
100
nA/V
Reference buffer enabled,
high resolution mode
12
nA/V
Reference buffer enabled,
low power mode
5
nA/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com