Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7771BCPZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD7771BCPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771BCPZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD7771BCPZ Datasheet HTML 41Page - Analog Devices AD7771BCPZ Datasheet HTML 42Page - Analog Devices AD7771BCPZ Datasheet HTML 43Page - Analog Devices AD7771BCPZ Datasheet HTML 44Page - Analog Devices AD7771BCPZ Datasheet HTML 45Page - Analog Devices AD7771BCPZ Datasheet HTML 46Page - Analog Devices AD7771BCPZ Datasheet HTML 47Page - Analog Devices AD7771BCPZ Datasheet HTML 48Page - Analog Devices AD7771BCPZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 99 page
background image
AD7771
Data Sheet
Rev. 0 | Page 44 of 98
Table 19. Reference Buffer Operation Modes
Reference Buffer
Operation Mode
REFx+
REFx−
Enabled
BUFFER_CONFIG_1, Bit 4 = 1; BUFFER_CONFIG_2, Bit 7 = 0
BUFFER_CONFIG_1, Bit 3 = 1; BUFFER_CONFIG_2, Bit 6 = 0
Precharged
BUFFER_CONFIG_1, Bit 4 = 1; BUFFER_CONFIG_2, Bit 7 = 1
BUFFER_CONFIG_1, Bit 3 = 1; BUFFER_CONFIG_2, Bit 6 = 1
Disabled
BUFFER_CONFIG_1, Bit 4 = 0
BUFFER_CONFIG_1, Bit 3 = 0
Table 20. Additional Disable Power-Down Blocks
Block
Register
Notes
VCM
GENERAL_USER_CONFIG_1, Bit 5
Enabled by default
Reference Buffer
BUFFER_CONFIG_1, Bits[4:3]
Precharge mode by default
Internal Reference Buffer
GENERAL_USER_CONFIG_1, Bit 4
Disabled by default
Σ-Δ Channel
CH_DISABLE, Bits[7:0]
All channels enabled
SAR
GENERAL_USER_CONFIG_1, Bit 3
Disabled by default
Internal Oscillator
GENERAL_USER_CONFIG_1, Bit 2
Enabled by default
Power Modes
The AD7771 offers different power modes to improve the
power efficiency, high resolution and low power mode, which
can be controlled via GENERAL_USER_CONFIG_1, Bit 6. To
further reduce the power, additional blocks can be disabled
independently, as described in Table 20.
If the power mode changes, a pulse on the SYNC_IN pin is
required.
Sinc3 and Sinc5 Filters
The AD7771 implements sinc3 and sinc5 digital filters. By
default, the device powers up with the sinc3 filter, but it can be
changed by setting GENERAL_USER_CONFIG_2, Bit 6. If the
sinc filter is changed, a pulse in the SYNC_IN pin is required.
LDO Bypassing
The internal LDOs can be individually bypassed and an external
supply can be applied directly to the AREG1CAP, AREG2CAP,
or DREGCAP pin. Table 21 shows the absolute minimum and
maximum supplies for these pins, as well as the associated
register used to bypass the regulator.
Table 21. LDO Bypassing
LDO
BUFFER_CONFIG_2,
Bits[2:0]1
Supply
Max (V)
Min (V)
AREG1CAP
1XX
1.9
1.85
AREG2CAP
X1X
1.9
1.85
DREGCAP
XX1
1.9
1.65
1
X means don’t care.
DIGITAL SPI
The SPI serial interface on the AD7771 consists of four signals:
CS, SDI, SCLK, and SDO. A typical connection diagram of the
SPI is shown in Figure 117.
DSP/FPGA
AD7771
CS
SCLK
SDI
SDO
Figure 117. SPI Control Interface—AD7771 is the SPI Slave, Digital Signal
Processor (DSP)/Field Programmable Gate Array (FPGA) is the Master
The SPIs operates in Mode 0 and Mode 3, CPOL = 0, CPHA = 0
(Mode 0) or CPOL = 1, CPHA = 1 (Mode 3).
In pin control mode, the SDI can read back the Σ-Δ results,
depending on the level of the CONVST_SAR pin, as described in
Table 13.
In SPI control mode, the SPI transfers data into the on-chip
registers while the SDO pin reads back data from the on-chip
registers or reads the SAR or the Σ-Δ conversions results,
depending on the selected operation mode.
The SDO data source in SPI control mode is defined by the
GENERAL_USER_CONFIG_2 and GENERAL_USER_
CONFIG_3 registers, as described in Table 22.
Table 22. SPI Operation Mode in SPI Control Mode
GENERAL_USER_
CONFIG_2, Bit 5
Setting
GENERAL_USER_
CONFIG_3, Bit 4
Setting1
Mode
0
0
Internal register
0
1
Σ-Δ data conversion
1
X
SAR conversion
1
X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com