Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7771BCPZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD7771BCPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771BCPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7771BCPZ Datasheet HTML 20Page - Analog Devices AD7771BCPZ Datasheet HTML 21Page - Analog Devices AD7771BCPZ Datasheet HTML 22Page - Analog Devices AD7771BCPZ Datasheet HTML 23Page - Analog Devices AD7771BCPZ Datasheet HTML 24Page - Analog Devices AD7771BCPZ Datasheet HTML 25Page - Analog Devices AD7771BCPZ Datasheet HTML 26Page - Analog Devices AD7771BCPZ Datasheet HTML 27Page - Analog Devices AD7771BCPZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 99 page
background image
Data Sheet
AD7771
Rev. 0 | Page 23 of 98
–100
–140
INPUT VOLTAGE (V)
–135
–130
–125
–120
–115
–110
–105
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
TA = 25°C
VREF = 2.5V
INPUT FREQUENCY = 50Hz
Figure 44. THD vs. Input Voltage at 64 kSPS, High Resolution Mode
–125
REFERENCE VOLTAGE (V)
–90
–120
–105
–95
–110
–115
–100
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
TA = 25°C
±VREF
INPUT FREQUENCY = 50Hz
Figure 45. THD vs. Reference Voltage at 64 kSPS, High Resolution Mode
–100
–118
MCLK FREQUENCY (Hz)
–116
–114
–112
–110
–108
–106
–104
–102
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
TA = 25°C
VREF = 2.5V
INPUT FREQUENCY = 50Hz
Figure 46. THD vs. Master Clock Frequency, High Resolution Mode
–100
–140
INPUT VOLTAGE (V)
–135
–130
–125
–120
–115
–110
–105
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
TA = 25°C
VREF = 2.5V
INPUT FREQUENCY = 50Hz
Figure 47. THD vs. Input Voltage at 16 kSPS, Low Power Mode
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
TA = 25°C
±VREF
INPUT FREQUENCY = 50Hz
–125
REFERENCE VOLTAGE (V)
–90
–120
–105
–95
–110
–115
–100
Figure 48. THD vs. Reference Voltage at 16 kSPS, Low Power Mode
–100
–105
–110
–115
–120
–125
MCLK FREQUENCY (Hz)
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
TA = 25°C
VREF = 2.5V
INPUT FREQUENCY = 50Hz
Figure 49. THD vs. Master Clock Frequency, Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com