Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7771BCPZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD7771BCPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771BCPZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD7771BCPZ Datasheet HTML 31Page - Analog Devices AD7771BCPZ Datasheet HTML 32Page - Analog Devices AD7771BCPZ Datasheet HTML 33Page - Analog Devices AD7771BCPZ Datasheet HTML 34Page - Analog Devices AD7771BCPZ Datasheet HTML 35Page - Analog Devices AD7771BCPZ Datasheet HTML 36Page - Analog Devices AD7771BCPZ Datasheet HTML 37Page - Analog Devices AD7771BCPZ Datasheet HTML 38Page - Analog Devices AD7771BCPZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 99 page
background image
AD7771
Data Sheet
Rev. 0 | Page 34 of 98
THEORY OF OPERATION
The AD7771 is an 8-channel, simultaneously sampling, low
noise, 24-bit Σ-Δ ADC with integrated digital filtering per
channel and SRC.
The AD7771 offers two operation modes: high resolution mode,
which offers up to 128 kSPS, and low power mode, which offers
up to 32 kSPS.
The AD7771 employs a Σ-Δ conversion technique to convert
the analog input signal into an equivalent digital word. The
overview of the Σ-Δ technique is that the modulator samples
the input waveform and outputs an equivalent digital word at
the input clock frequency, fCLKIN.
Due to the high oversampling rate, this technique spreads the
quantization noise from 0 Hz to fCLKIN/2 (in the case of the AD7771,
fCLKIN relates to the external clock); therefore, the noise energy
contained in the band of interest is reduced (see Figure 98). To
further reduce the quantization noise, a high order modulator is
employed to shape the noise spectrum so that most of the noise
energy is shifted out of the band of interest (see Figure 99). The
digital filter that follows the modulator removes the large out of
band quantization noise (see Figure 100).
For more information on basic and advanced concepts of Σ-Δ
ADCs, see the MT-022 Tutorial and MT-023 Tutorial.
Digital filtering has certain advantages over analog filtering.
Because digital filtering occurs after the analog-to-digital
conversion process, it can remove noise injected during the
conversion. Analog filtering cannot remove noise injected
during conversion.
QUANTIZATION NOISE
fCLKIN/2
BAND OF INTEREST
Figure 98. Σ-Δ ADC Operation, Reduction of Noise Energy Contained in the
Band of Interest (Linear Scale X-Axis)
fCLKIN/2
NOISE SHAPING
BAND OF INTEREST
Figure 99. Σ-Δ ADC Operation, Majority of Noise Energy Shifted Out of the
Band of Interest (Linear Scale X-Axis)
fCLKIN/2
BAND OF INTEREST
DIGITAL FILTER CUTOFF FREQUENCY
Figure 100. Σ-Δ ADC Operation, Removal of Noise Energy from the Band of
Interest (Linear Scale X-Axis)
The Σ-Δ ADC starts the conversions of the input signal after the
supplies generated by the internal LDO regulators become stable.
An external signal is not required to generate the conversions.
ANALOG INPUTS
The AD7771 can be operated in bipolar or unipolar modes and
accepts true differential, pseudo differential, and single-ended
input signals, as shown in Figure 101 through Figure 104.
Table 10 summarizes the maximum differential input signal and
dynamic range for the different input modes.
Table 10. Input Signal Modes
Input Signal Mode
PGA Gain
Maximum Differential Signal
Maximum Peak-to-Peak Signal
True differential
All gains
±(VREF/PGAGAIN)
2 × VREF/PGAGAIN
Pseudo differential
All gains
±(VREF/PGAGAIN)
2 × VREF/PGAGAIN
Single-ended
All gains
VREF/PGAGAIN
VREF/PGAGAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com