Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5183 Datasheet(PDF) 5 Page - NEC

Part # 2SC5183
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5183 Datasheet(HTML) 5 Page - NEC

  2SC5183 Datasheet HTML 1Page - NEC 2SC5183 Datasheet HTML 2Page - NEC 2SC5183 Datasheet HTML 3Page - NEC 2SC5183 Datasheet HTML 4Page - NEC 2SC5183 Datasheet HTML 5Page - NEC 2SC5183 Datasheet HTML 6Page - NEC 2SC5183 Datasheet HTML 7Page - NEC 2SC5183 Datasheet HTML 8Page - NEC 2SC5183 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
VCE = 1.0 V, IC = 3.0 mA
0.1
0.872
-14.000
8.998
165.400
0.023
80.600
0.971
-11.300
0.117
25.924
0.4
0.710
-60.600
7.542
130.500
0.079
55.100
0.807
-39.500
0.288
19.799
0.8
0.501
-104.700
5.258
99.100
0.114
37.200
0.595
-61.600
0.543
16.639
1.0
0.438
-122.100
4.463
87.700
0.124
32.100
0.527
-68.900
0.653
15.562
1.5
0.354
-159.700
3.211
65.100
0.144
24.100
0.425
-82.000
0.875
13.483
2.0
0.321
170.800
2.502
46.800
0.164
18.400
0.377
-92.400
1.025
10.866
2.5
0.312
145.400
2.064
30.300
0.186
12.900
0.352
-101.800
1.112
8.414
3.0
0.311
123.000
1.777
15.400
0.210
6.800
0.334
-111.500
1.160
6.851
4.0
0.361
83.600
1.438
-12.600
0.263
-7.700
0.280
-136.000
1.163
4.930
5.0
0.461
51.700
1.206
-40.100
0.315
-25.300
0.211
177.500
1.140
3.560
0.1
0.645
-29.400
21.295
155.400
0.019
74.200
0.892
-21.300
0.247
30.495
0.4
0.392
-95.800
12.537
110.900
0.055
55.600
0.541
-57.100
0.618
23.578
0.8
0.270
-144.400
7.101
85.100
0.085
50.500
0.347
-73.800
0.884
19.219
1.0
0.252
-161.700
5.792
76.200
0.100
48.600
0.303
-79.000
0.948
17.628
1.5
0.234
164.600
3.980
58.000
0.136
42.200
0.249
-89.300
1.037
13.489
2.0
0.234
140.600
3.042
42.500
0.174
34.400
0.226
-98.900
1.069
10.825
2.5
0.235
121.100
2.489
27.900
0.212
25.600
0.215
-107.400
1.079
8.983
3.0
0.242
103.100
2.127
14.200
0.249
16.000
0.207
-117.800
1.080
7.590
4.0
0.300
73.800
1.705
-12.200
0.318
-4.300
0.161
-151.100
1.065
5.736
5.0
0.414
47.400
1.421
-38.700
0.374
-25.800
0.141
133.500
1.054
4.375
0.1
0.962
-8.100
3.385
168.800
0.023
81.800
0.993
-6.700
0.122
21.678
0.4
0.893
-38.800
3.278
144.800
0.091
62.800
0.944
-25.400
0.160
15.566
0.8
0.755
-73.500
2.809
114.700
0.152
40.300
0.831
-45.900
0.321
12.667
1.0
0.689
-89.000
2.566
101.800
0.170
31.300
0.776
-54.200
0.399
11.788
1.5
0.559
-124.000
2.063
74.800
0.192
13.700
0.666
-71.100
0.593
10.312
2.0
0.481
-154.200
1.704
52.700
0.197
2.300
0.599
-84.300
0.787
9.370
2.5
0.440
178.000
1.461
33.400
0.195
-5.200
0.560
-96.200
0.968
8.746
3.0
0.417
152.500
1.288
16.800
0.195
-9.700
0.531
-107.700
1.131
5.997
4.0
0.434
103.700
1.083
-13.500
0.215
-14.400
0.473
-133.500
1.264
3.931
5.0
0.512
63.400
0.929
-42.700
0.270
-23.500
0.410
-174.700
1.201
2.658
VCE = 2.0 V, IC = 3.0 mA
0.1
0.881
-12.200
9.094
166.600
0.017
79.500
0.977
-9.600
0.142
27.283
0.4
0.736
-52.900
7.869
134.300
0.066
58.400
0.844
-34.300
0.280
20.764
0.8
0.527
-92.900
5.706
103.400
0.099
40.800
0.653
-54.800
0.521
17.607
1.0
0.454
-109.000
4.901
91.900
0.109
35.700
0.586
-61.700
0.629
16.529
1.5
0.344
-144.400
3.575
69.100
0.128
27.300
0.485
-74.400
0.847
14.461
2.0
0.294
-174.000
2.789
50.900
0.146
21.700
0.434
-84.700
1.002
12.525
2.5
0.274
159.700
2.308
34.500
0.166
16.500
0.410
-94.000
1.087
9.632
3.0
0.264
136.200
1.980
19.800
0.189
11.100
0.393
-103.600
1.134
7.975
4.0
0.306
94.100
1.605
-7.800
0.241
-2.400
0.343
-126.700
1.130
6.042
5.0
0.407
59.500
1.356
-35.700
0.296
-19.700
0.264
-167.400
1.102
4.663
VCE = 1.0 V, IC = 10.0 mA
NE687 SERIES
Coordinates in Ohms
Frequency in GHz
(VCE = 1 V, IC = 1 mA)
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
20
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S22
0.1 GHz
S11
0.1 GHz
S22
5 GHz
S11
5 GHz
90˚
270˚
180˚
225˚
315˚
135˚
45˚
0˚
2.5
S12
0.1 GHz
S21
5 GHz
S12
5 GHz
S21
0.1 GHz
NE68718
VCE = 1.0 V, IC = 1.0 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
Note:
1.Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com