Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5183 Datasheet(PDF) 2 Page - NEC

Part # 2SC5183
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5183 Datasheet(HTML) 2 Page - NEC

  2SC5183 Datasheet HTML 1Page - NEC 2SC5183 Datasheet HTML 2Page - NEC 2SC5183 Datasheet HTML 3Page - NEC 2SC5183 Datasheet HTML 4Page - NEC 2SC5183 Datasheet HTML 5Page - NEC 2SC5183 Datasheet HTML 6Page - NEC 2SC5183 Datasheet HTML 7Page - NEC 2SC5183 Datasheet HTML 8Page - NEC 2SC5183 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 1.0 V, IC = 3.0 mA
500
1.10
17.66
0.47
15
0.28
800
1.19
14.48
0.39
33
1.20
1000
1.25
12.93
0.34
45
0.28
1500
1.36
9.61
0.29
57
0.27
2000
1.50
7.52
0.24
73
0.27
VCE = 2.0 V, IC = 3.0 mA
500
1.10
18.60
0.40
12
0.30
800
1.19
15.10
0.35
24
0.22
1000
1.25
13.40
0.31
33
0.26
1500
1.36
10.30
0.26
44
0.28
2000
1.50
8.10
0.23
58
0.28
VCE = 2.0 V, IC = 20.0 mA
500
2.00
20.30
0.02
-170
0.23
800
2.06
16.70
0.06
171
0.15
1000
2.10
15.00
0.08
172
0.28
1500
2.20
11.90
0.12
178
0.24
2000
2.34
9.80
0.14
-175
0.24
2500
2.46
6.70
0.18
-160
0.23
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
5
VCEO
Collector to Emitter Voltage
V
3
VEBO
Emitter to Base Voltage
V
2
IC
Collector Current
mA
30
TJ
Operating Junction
Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to +150
NE687 SERIES
NE68730
TYPICAL NOISE PARAMETERS (TA = 25˚C)
NE68739
TYPICAL NOISE PARAMETERS (TA = 25˚C)
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 0.5 V, IC = 0.5 mA
500
1.23
15.7
0.77
36
0.61
800
1.37
10.9
0.71
46
0.61
1000
1.45
8.7
0.60
64
0.50
VCE = 1.0 V, IC = 3.0 mA
500
1.07
18.0
0.48
30
0.31
800
1.13
14.8
0.39
49
0.28
1000
1.18
13.2
0.32
60
0.26
1500
1.30
10.5
0.23
76
0.24
2000
1.50
8.0
0.12
120
0.20
2500
1.66
7.0
0.16
-172
0.15
VCE = 2.0 V, IC = 3.0 mA
500
1.07
18.6
0.46
26
0.28
800
1.13
15.5
0.37
38
0.28
1000
1.18
14.0
0.32
46
0.26
1500
1.30
11.2
0.20
66
0.25
2000
1.50
9.3
0.12
113
0.19
2500
1.66
7.8
0.14
177
0.17
3000
1.86
6.6
0.23
-157
0.10
VCE = 2.0 V, IC = 20.0 mA
500
1.93
21.2
0.08
-150
0.22
800
1.95
17.6
0.14
-138
0.17
1000
2.00
16.0
0.16
-134
0.17
1500
2.15
12.9
0.21
-127
0.24
2000
2.30
10.6
0.26
-123
0.25
2500
2.40
9.0
0.31
-121
0.25
3000
2.52
7.7
0.46
-114
0.24
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
VCE = 0.5 V, IC = 0.5 mA
500
1.10
13.07
0.72
30
1.00
800
1.31
11.23
0.67
54
0.65
1000
1.41
9.36
0.65
67
0.55
VCE = 1.0 V, IC = 1.0 mA
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
NE68718
TYPICAL NOISE PARAMETERS (TA = 25˚C)
500
0.93
16.53
0.63
27
0.56
800
1.08
13.44
0.59
47
0.39
1000
1.20
12.21
0.55
62
0.36
1500
1.48
8.53
0.46
83
0.34
2000
1.72
6.50
0.37
107
0.28
500
1.10
18.68
0.48
23
0.28
800
1.15
15.74
0.40
48
0.25
1000
1.20
13.90
0.36
58
0.24
1500
1.38
10.63
0.28
81
0.21
2000
1.60
8.43
0.21
104
0.20
2500
1.82
7.04
0.14
151
0.18
3000
2.00
5.84
0.16
-167
0.13
VCE = 1.0 V, IC = 3 mA
VCE = 2 V, IC = 3 mA
VCE = 2 V, IC = 10 mA
500
1.10
19.83
0.50
21
0.26
800
1.15
16.61
0.42
39
0.26
1000
1.20
14.85
0.38
48
0.25
1500
1.38
11.83
0.29
74
0.24
2000
1.60
9.49
0.23
91
0.22
2500
1.82
8.16
0.14
135
0.20
3000
2.00
6.93
0.13
177
0.12
500
1.60
22.57
0.13
19
0.27
800
1.62
18.75
0.11
48
0.26
1000
1.65
16.91
0.09
67
0.25
1500
1.73
13.52
0.07
100
0.24
2000
1.80
11.17
0.06
143
0.22
2500
2.00
9.48
0.08
-161
0.20
3000
2.19
8.18
0.13
-133
0.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com