Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5183 Datasheet(PDF) 11 Page - NEC

Part # 2SC5183
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5183 Datasheet(HTML) 11 Page - NEC

Back Button 2SC5183 Datasheet HTML 7Page - NEC 2SC5183 Datasheet HTML 8Page - NEC 2SC5183 Datasheet HTML 9Page - NEC 2SC5183 Datasheet HTML 10Page - NEC 2SC5183 Datasheet HTML 11Page - NEC 2SC5183 Datasheet HTML 12Page - NEC 2SC5183 Datasheet HTML 13Page - NEC 2SC5183 Datasheet HTML 14Page - NEC 2SC5183 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
VCE = 1.0 V, IC = 10.0 mA
0.1
0.587
-32.000
19.990
152.200
0.025
75.900
0.862
-22.700
0.306
29.029
0.4
0.295
-88.800
10.311
108.800
0.068
65.200
0.471
-50.700
0.762
21.808
0.8
0.163
-132.400
5.665
88.600
0.115
65.600
0.302
-57.000
0.957
16.925
1.0
0.140
-152.000
4.610
82.100
0.139
64.900
0.266
-58.500
0.994
15.207
1.5
0.133
167.700
3.194
68.900
0.199
61.600
0.215
-63.300
1.029
11.009
2.0
0.151
139.000
2.478
58.200
0.257
56.900
0.185
-70.200
1.040
8.616
2.5
0.183
121.800
2.060
48.100
0.313
51.600
0.166
-80.800
1.035
7.030
3.0
0.210
108.600
1.786
39.700
0.364
46.100
0.156
-95.500
1.033
5.802
4.0
0.263
90.500
1.466
24.000
0.457
34.700
0.163
-129.300
1.017
4.267
5.0
0.330
75.600
1.279
9.700
0.531
23.300
0.169
-164.800
1.007
3.319
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
NE687 SERIES
NE68733
VCE = 1.0 V, IC = 1.0 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.1
0.953
-8.300
3.433
170.300
0.031
83.500
0.990
-6.200
0.090
20.443
0.4
0.864
-36.800
3.200
144.900
0.111
66.000
0.921
-23.100
0.221
14.598
0.8
0.688
-68.700
2.683
117.400
0.180
48.900
0.778
-39.800
0.412
11.733
1.0
0.608
-82.600
2.432
106.200
0.200
42.900
0.713
-45.900
0.504
10.849
1.5
0.451
-114.800
1.958
83.500
0.223
34.100
0.583
-57.200
0.732
9.435
2.0
0.359
-145.300
1.631
66.000
0.232
31.500
0.501
-65.800
0.939
8.470
2.5
0.323
-175.700
1.415
51.400
0.242
33.100
0.451
-74.500
1.081
5.930
3.0
0.320
158.100
1.261
40.000
0.263
36.500
0.421
-84.700
1.145
4.499
4.0
0.365
117.200
1.059
21.900
0.351
39.100
0.399
-107.700
1.076
3.119
5.0
0.433
87.400
0.935
7.700
0.470
32.500
0.383
-134.500
1.001
2.817
VCE = 1.0 V, IC = 3.0 mA
0.1
0.856
-15.400
8.971
165.000
0.029
80.500
0.964
-11.600
0.130
24.904
0.4
0.631
-56.900
6.949
128.500
0.092
60.700
0.751
-37.200
0.416
18.781
0.8
0.389
-93.700
4.599
101.200
0.135
52.500
0.525
-52.300
0.704
15.323
1.0
0.318
-108.300
3.874
92.100
0.152
51.400
0.458
-56.200
0.808
14.063
1.5
0.216
-145.300
2.790
74.600
0.193
50.400
0.358
-62.900
0.972
11.600
2.0
0.184
179.400
2.201
61.200
0.237
49.100
0.304
-69.100
1.045
8.375
2.5
0.199
149.200
1.849
49.400
0.282
46.900
0.271
-77.400
1.065
6.610
3.0
0.220
127.900
1.617
39.800
0.328
43.800
0.252
-88.300
1.065
5.366
4.0
0.285
99.500
1.336
22.800
0.420
35.600
0.242
-114.500
1.032
3.937
5.0
0.360
80.300
1.167
8.000
0.505
25.700
0.231
-144.300
1.005
3.210
Coordinates in Ohms
Frequency in GHz
(VCE = 1 V, IC = 1 mA)
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
20
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S22
0.1 GHz
S11
0.1 GHz
S22
5 GHz
S11
5 GHz
90˚
270˚
180˚
225˚
315˚
135˚
45˚
0˚
2.5
S12
0.1 GHz
S21
5 GHz
S12
5 GHz
S21
0.1 GHz
0.25
Note:
1.Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com