Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5183 Datasheet(PDF) 16 Page - NEC

Part # 2SC5183
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5183 Datasheet(HTML) 16 Page - NEC

Back Button 2SC5183 Datasheet HTML 12Page - NEC 2SC5183 Datasheet HTML 13Page - NEC 2SC5183 Datasheet HTML 14Page - NEC 2SC5183 Datasheet HTML 15Page - NEC 2SC5183 Datasheet HTML 16Page - NEC 2SC5183 Datasheet HTML 17Page - NEC 2SC5183 Datasheet HTML 18Page - NEC 2SC5183 Datasheet HTML 19Page - NEC 2SC5183 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
NE687 SERIES
NE68718 NONLINEAR MODEL
MODEL RANGE
Frequency: 0.05 to 5.0 GHz
Bias:
VCE = 1 V to 2 V, IC = 1 mA to 10 mA
UNITS
Parameters
68718
CCB
0.26e-12
CCE
0.19e-12
LB
1.51e-9
LC
1.18e-9
LE
0.71e-9
CCBPKG
0.063e-12
CCEPKG
0.409e-12
CBEPKG
0.361e-12
LBX
0.18e-9
LCX
0.18e-9
LEX
0.09e-9
ADDITIONAL PARAMETERS
(1) Gummel-Poon Model
Parameters
Q1
Parameters
Q1
IS
8.0e-17
MJC
0.53
BF
128
XCJC
0.27
NF
1.0
CJS
0
VAF17
VJS
0.75
IKF
0.18
MJS
0
ISE
3.3e-15
FC
0.37
NE
1.48
TF
6.0e-12
BR
9.05
XTF
11.9
NR
1.05
VTF
9.55
VAR
4.3
ITF
1.78
IKR
0.009
PTF
69.1
ISC
4.0e-15
TR
1.0e-9
NC
1.5
EG
1.11
RE
0.8
XTB
0
RB
11.1
XTI
3
RBM
2.46
KF
0
IRB
0.017
AF
1
RC
7.5
CJE
0.415e-12
VJE
0.68
MJE
0.53
CJC
0.102e-12
VJC
0.29
BJT NONLINEAR MODEL PARAMETERS (1)
Parameter
Units
time
seconds
capacitance
farads
inductance
henries
resistance
ohms
voltage
volts
current
amps
Base
Emitter
Collector
LBX
LB
LEX
LE
LC
LCX
CCBPKG
CCB
CCE
CCEPKG
CBEPKG
Q1
SCHEMATIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com