Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5183 Datasheet(PDF) 9 Page - NEC

Part # 2SC5183
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5183 Datasheet(HTML) 9 Page - NEC

Back Button 2SC5183 Datasheet HTML 5Page - NEC 2SC5183 Datasheet HTML 6Page - NEC 2SC5183 Datasheet HTML 7Page - NEC 2SC5183 Datasheet HTML 8Page - NEC 2SC5183 Datasheet HTML 9Page - NEC 2SC5183 Datasheet HTML 10Page - NEC 2SC5183 Datasheet HTML 11Page - NEC 2SC5183 Datasheet HTML 12Page - NEC 2SC5183 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
NE687 SERIES
NE68730
VCE = 1.0 V, IC = 1.0 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.1
0.942
-7.800
3.487
169.100
0.028
84.900
0.991
-5.800
0.098
20.953
0.4
0.870
-35.400
3.178
146.800
0.103
67.200
0.924
-21.300
0.208
14.893
0.8
0.714
-65.000
2.676
120.900
0.167
51.600
0.791
-36.200
0.392
12.048
1.0
0.639
-77.100
2.433
110.800
0.185
46.500
0.732
-41.300
0.484
11.190
1.5
0.493
-103.600
1.944
90.400
0.207
39.200
0.621
-50.400
0.707
9.727
2.0
0.400
-125.900
1.621
75.500
0.216
38.200
0.557
-56.400
0.905
8.753
2.5
0.334
-147.500
1.412
63.200
0.224
41.400
0.520
-61.600
1.063
6.464
3.0
0.298
-169.000
1.269
53.200
0.242
46.600
0.495
-66.800
1.139
4.930
4.0
0.268
145.900
1.085
38.200
0.325
53.700
0.455
-77.900
1.108
3.231
5.0
0.328
110.600
0.990
26.400
0.449
51.000
0.389
-96.200
1.016
2.652
VCE = 1.0 V, IC = 3.0 mA
0.1
0.853
-14.800
9.270
164.300
0.026
81.700
0.963
-11.100
0.134
25.521
0.4
0.653
-55.800
7.088
131.200
0.087
61.800
0.758
-35.400
0.385
19.110
0.8
0.430
-89.900
4.754
105.400
0.126
54.000
0.541
-49.200
0.670
15.767
1.0
0.361
-102.200
4.019
97.100
0.141
53.300
0.477
-52.300
0.778
14.549
1.5
0.260
-128.600
2.893
81.600
0.177
54.200
0.388
-56.600
0.951
12.134
2.0
0.207
-150.800
2.283
70.200
0.215
55.000
0.348
-59.300
1.037
9.084
2.5
0.173
-173.200
1.916
60.600
0.255
55.100
0.330
-62.000
1.073
7.114
3.0
0.159
165.900
1.681
52.200
0.298
54.300
0.322
-65.400
1.072
5.880
4.0
0.166
126.100
1.394
38.600
0.387
50.200
0.302
-74.700
1.049
4.212
5.0
0.239
103.800
1.242
26.600
0.476
43.700
0.235
-92.200
1.020
3.302
VCE = 1.0 V, IC = 10.0 mA
0.1
0.590
-30.900
20.999
151.700
0.022
75.800
0.864
-21.900
0.319
29.798
0.4
0.314
-84.600
10.808
111.200
0.064
66.400
0.479
-48.700
0.749
22.276
0.8
0.184
-120.500
5.986
92.200
0.107
68.000
0.312
-53.100
0.950
17.478
1.0
0.155
-133.700
4.891
86.500
0.129
68.100
0.279
-53.400
0.988
15.788
1.5
0.119
-163.200
3.377
75.100
0.184
66.800
0.239
-53.900
1.030
11.572
2.0
0.100
170.800
2.615
66.300
0.239
63.900
0.225
-55.300
1.043
9.127
2.5
0.098
146.300
2.171
58.300
0.292
60.600
0.223
-57.600
1.040
7.483
3.0
0.099
129.000
1.884
50.900
0.342
56.800
0.224
-61.100
1.035
6.265
4.0
0.121
99.700
1.545
38.800
0.435
48.800
0.211
-72.200
1.024
4.560
5.0
0.193
95.100
1.366
27.400
0.516
40.200
0.140
-95.100
1.012
3.565
Coordinates in Ohms
Frequency in GHz
(VCE = 2 V, IC = 3 mA)
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
20
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S22
0.1 GHz
S11
0.1 GHz
S22
5 GHz
S11
5 GHz
90˚
270˚
180˚
225˚
315˚
135˚
45˚
0˚
5
S12
0.1 GHz
S21
5 GHz
S12
5 GHz
S21
0.1 GHz
0.25
Note:
1.Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com