Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5183 Datasheet(PDF) 15 Page - NEC

Part # 2SC5183
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5183 Datasheet(HTML) 15 Page - NEC

Back Button 2SC5183 Datasheet HTML 11Page - NEC 2SC5183 Datasheet HTML 12Page - NEC 2SC5183 Datasheet HTML 13Page - NEC 2SC5183 Datasheet HTML 14Page - NEC 2SC5183 Datasheet HTML 15Page - NEC 2SC5183 Datasheet HTML 16Page - NEC 2SC5183 Datasheet HTML 17Page - NEC 2SC5183 Datasheet HTML 18Page - NEC 2SC5183 Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
NE687 SERIES
Parameters
Q1
Parameters
Q1
IS
8.0e-17
MJC
0.53
BF
128
XCJC
0.27
NF
1.0
CJS
0
VAF17
VJS
0.75
IKF
0.18
MJS
0
ISE
3.3e-15
FC
0.37
NE
1.48
TF
6.0e-12
BR
9.05
XTF
11.9
NR
1.05
VTF
9.55
VAR
4.3
ITF
1.78
IKR
0.009
PTF
69.1
ISC
4.0e-15
TR
1.0e-9
NC
1.5
EG
1.11
RE
0.8
XTB
0
RB
1.11
XTI
3
RBM
2.46
KF
0
IRB
0.017
AF
1
RC
7.5
CJE
0.415e-12
VJE
0.68
MJE
0.53
CJC
0.102e-12
VJC
0.29
NE68700 NONLINEAR MODEL
SCHEMATIC
(1) Gummel-Poon Model
BJT NONLINEAR MODEL PARAMETERS (1)
UNITS
Parameter
Units
time
seconds
capacitance
farads
inductance
henries
resistance
ohms
voltage
volts
current
amps
Parameters
68700
CCB
0.26e-12
CCE
0.19e-12
LB
0.49e-9
Lc
0.70e-9
LE
0.26e-9
ADDITIONAL PARAMETERS
MODEL RANGE
Frequency:
0.1 to 6.0 GHz
Bias:
VCE = 1 V to 3V, IC = 1 mA to 10 xmA
PldB:3 V, 10 mA, 2 GHz
CCB
CCE
LC
LB
LE
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com