Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5183 Datasheet(PDF) 14 Page - NEC

Part # 2SC5183
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5183 Datasheet(HTML) 14 Page - NEC

Back Button 2SC5183 Datasheet HTML 10Page - NEC 2SC5183 Datasheet HTML 11Page - NEC 2SC5183 Datasheet HTML 12Page - NEC 2SC5183 Datasheet HTML 13Page - NEC 2SC5183 Datasheet HTML 14Page - NEC 2SC5183 Datasheet HTML 15Page - NEC 2SC5183 Datasheet HTML 16Page - NEC 2SC5183 Datasheet HTML 17Page - NEC 2SC5183 Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
NE68739
VCE = 2.0 V, IC = 3.0 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.1
0.877
-12.300
9.280
167.700
0.020
85.100
0.976
-8.000
0.076
26.665
0.4
0.717
-48.900
7.832
137.800
0.070
64.500
0.829
-27.700
0.321
20.488
0.8
0.484
-87.400
5.716
110.300
0.107
52.300
0.618
-41.900
0.581
17.277
1.0
0.404
-104.800
4.907
100.700
0.119
49.500
0.542
-46.100
0.685
16.153
1.5
0.299
-147.400
3.585
82.300
0.145
46.300
0.409
-54.200
0.883
13.931
2.0
0.301
176.200
2.784
67.900
0.169
44.900
0.327
-62.800
1.000
12.168
2.5
0.340
151.300
2.293
56.000
0.194
43.500
0.271
-74.100
1.058
9.251
3.0
0.393
134.900
1.939
45.800
0.219
42.000
0.236
-88.400
1.083
7.716
4.0
0.495
113.600
1.500
28.400
0.270
37.300
0.219
-124.100
1.064
5.902
5.0
0.587
98.400
1.227
13.100
0.316
30.900
0.265
-157.500
1.015
5.141
VCE = 2.0 V, IC = 5.0 mA
0.1
0.804
-15.700
13.813
163.800
0.018
81.700
0.956
-10.300
0.165
28.850
0.4
0.570
-55.800
10.275
128.600
0.058
65.000
0.736
-31.100
0.481
22.484
0.8
0.326
-91.000
6.655
102.800
0.090
59.200
0.522
-40.500
0.774
18.689
1.0
0.252
-108.300
5.559
94.500
0.104
58.500
0.458
-42.800
0.864
17.280
1.5
0.179
-155.100
3.937
78.900
0.138
57.200
0.355
-48.000
0.991
14.553
2.0
0.201
165.000
3.040
66.500
0.173
55.100
0.287
-56.000
1.044
11.167
2.5
0.257
142.400
2.504
55.800
0.208
52.100
0.234
-67.800
1.058
9.338
3.0
0.311
127.700
2.124
46.400
0.242
48.600
0.196
-84.500
1.064
7.885
4.0
0.423
109.600
1.657
29.800
0.304
40.600
0.177
-129.000
1.041
6.124
5.0
0.524
96.000
1.366
14.900
0.356
31.800
0.234
-167.600
1.006
5.353
VCE = 2.0 V, IC = 20.0 mA
0.1
0.473
-29.900
29.491
150.100
0.014
80.300
0.843
-20.300
0.405
33.236
0.4
0.222
-83.800
14.470
109.000
0.044
70.800
0.475
-40.400
0.838
25.170
0.8
0.113
-135.400
7.915
90.200
0.079
70.200
0.321
-42.300
0.987
20.008
1.0
0.106
-164.400
6.422
84.300
0.097
69.200
0.283
-43.300
1.012
17.550
1.5
0.145
153.400
4.407
72.500
0.140
65.200
0.217
-49.700
1.038
13.780
2.0
0.209
135.300
3.357
62.200
0.182
60.400
0.163
-63.400
1.046
11.350
2.5
0.269
123.800
2.745
53.000
0.222
55.000
0.124
-86.400
1.043
9.652
3.0
0.329
116.000
2.314
44.500
0.258
49.600
0.110
-119.900
1.041
8.283
4.0
0.437
102.500
1.786
29.200
0.321
38.900
0.161
-173.100
1.027
6.450
5.0
0.535
90.900
1.461
15.100
0.368
28.600
0.254
162.100
1.008
5.429
NE687 SERIES
Note:
1.Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
TYPICAL SCATTERING PARAMETERS (TA = 25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com