Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9656 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 4 Page - Analog Devices

  AD9656 Datasheet HTML 1Page - Analog Devices AD9656 Datasheet HTML 2Page - Analog Devices AD9656 Datasheet HTML 3Page - Analog Devices AD9656 Datasheet HTML 4Page - Analog Devices AD9656 Datasheet HTML 5Page - Analog Devices AD9656 Datasheet HTML 6Page - Analog Devices AD9656 Datasheet HTML 7Page - Analog Devices AD9656 Datasheet HTML 8Page - Analog Devices AD9656 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
Data Sheet
AD9656
Rev. A | Page 3 of 46
SPECIFICATIONS
DC SPECIFICATIONS, VREF = 1.4 V
AVDD = 1.8 V, DRVDD = 1.8 V, 2.8 V p-p full-scale differential input, 1.4 V reference, AIN = −1.0 dBFS, unless otherwise noted.
Table 1.
Parameter1
Temperature
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Offset Error
Full
−0.1
+0.14
+0.5
% FSR
Offset Matching
Full
0
0.1
0.4
% FSR
Gain Error
Full
−2.0
+2.1
+6.0
% FSR
Gain Matching
Full
0
1.4
5.0
% FSR
Differential Nonlinearity (DNL)
Full
−0.95
±0.6
+2.54
LSB
Integral Nonlinearity (INL)
Full
−10.0
±4.5
+10.0
LSB
TEMPERATURE DRIFT
Gain Error
Full
12.3
ppm/°C
Offset Error
Full
−2
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage
25°C
1.37
1.4
1.41
V
Load Regulation at 1.0 mA
25°C
4
mV
Input Resistance
25°C
7.5
kΩ
INPUT REFERRED NOISE
VREF = 1.4 V
25°C
2.1
LSB rms
ANALOG INPUTS
Differential Input Voltage
Full
2.8
V p-p
Common-Mode Voltage
Full
0.9
V
Common-Mode Range
25°C
0.7
1.1
V
Differential Input Resistance
25°C
2.6
kΩ
Differential Input Capacitance
25°C
7
pF
POWER SUPPLY
AVDD
Full
1.7
1.8
1.9
V
DVDD, DRVDD
Full
1.7
1.8
1.9
V
SVDD
Full
1.7
3.6
V
IAVDD (125 MSPS, Two Lanes)2
Full
288
306
mA
IDVDD (125 MSPS, Two Lanes)2
Full
67
72
mA
IDRVDD (125 MSPS, Two Lanes)2
Full
83
88
mA
TOTAL POWER CONSUMPTION
DC Input (125 MSPS, Four Channels onto Two Lanes)
25°C
706
mW
Sine Wave Input (125 MSPS, Four Channels onto Two Lanes)2
Full
788
839
mW
Power-Down Mode
25°C
14
mW
Standby Mode3
25°C
547
mW
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Measured with a low input frequency, full-scale sine wave on all four channels.
3
Standby can be controlled via the SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com