Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9656 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9656 Datasheet HTML 8Page - Analog Devices AD9656 Datasheet HTML 9Page - Analog Devices AD9656 Datasheet HTML 10Page - Analog Devices AD9656 Datasheet HTML 11Page - Analog Devices AD9656 Datasheet HTML 12Page - Analog Devices AD9656 Datasheet HTML 13Page - Analog Devices AD9656 Datasheet HTML 14Page - Analog Devices AD9656 Datasheet HTML 15Page - Analog Devices AD9656 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Data Sheet
AD9656
Rev. A | Page 11 of 46
ABSOLUTE MAXIMUM RATINGS
Table 8.
Parameter
Rating
Electrical
AVDD to AGND
−0.3 V to +2.0 V
DRVDD to AGND
−0.3 V to +2.0 V
DVDD to DVSS
−0.3 V to +2.0 V
SVDD to AGND
−0.3 V to +3.9 V
Digital Outputs to AGND
−0.3 V to +2.0 V
CLK+, CLK− to AGND
−0.3 V to +2.0 V
VINx+, VINx− to AGND
−0.3 V to +2.0 V
SYSREF± to AGND
−0.3 V to +2.0 V
SYNCINB± to AGND
−0.3 V to +2.0 V
SCLK, SDIO, CSB, PDWN to AGND
−0.3 V to +3.9 V
SYNC to AGND
−0.3 V to +2.0 V
RBIAS to AGND
−0.3 V to +2.0 V
VCM, VREF, SENSE to AGND
−0.3 V to +2.0 V
Environmental
Operating Temperature Range (Ambient)
−40°C to +85°C
Maximum Junction Temperature
150°C
Lead Temperature (Soldering, 10 sec)
300°C
Storage Temperature Range (Ambient)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is for a 4-layer printed circuit board (PCB) with solid ground
plane (simulated). The exposed pad is soldered to the PCB ground.
Table 9. Thermal Resistance
Package
Type
Air Flow
Velocity
(m/sec)
θJA
(°C/W)
θJB
(°C/W)1
θJC Top
(°C/W)1
θJC Bottom
(°C/W)1
56-Lead
LFCSP,
8 mm ×
8 mm
0
22.4
7.7
7.42
2.29
1
19.0
N/A
N/A
N/A
2.5
17.6
N/A
N/A
N/A
1
N/A means not applicable.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com