Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9656 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9656 Datasheet HTML 27Page - Analog Devices AD9656 Datasheet HTML 28Page - Analog Devices AD9656 Datasheet HTML 29Page - Analog Devices AD9656 Datasheet HTML 30Page - Analog Devices AD9656 Datasheet HTML 31Page - Analog Devices AD9656 Datasheet HTML 32Page - Analog Devices AD9656 Datasheet HTML 33Page - Analog Devices AD9656 Datasheet HTML 34Page - Analog Devices AD9656 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
AD9656
Data Sheet
Rev. A | Page 30 of 46
Table 12. 14 Configuration Octets of the ILAS Phase
No.
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
0
DID[7:0]
1
BID[3:0]
2
LID[4:0]
3
SCR
L[4:0]
4
F[7:0]
5
K[4:0]
6
M[7:0]
7
CS[1:0]
N[4:0]
8
SUBCLASS[2:0]
N’[4:0]
9
JESDV[2:0]
S[4:0]
10
CF[4:0]
11
Reserved, don’t care (RES1)
12
Reserved, don’t care (RES2)
13
FCHK[7:0]
Data Transmission Phase
In the data transmission phase, frame alignment is monitored
with control characters. Character replacement is used at the
end of frames. Character replacement in the transmitter occurs
in the following instances:
•
If scrambling is disabled and the last octet of the frame or
multiframe equals the octet value of the previous frame.
•
If scrambling is enabled and the last octet of the
multiframe is equal to 0x7C, or the last octet of a frame is
equal to 0xFC.
Link Setup Parameters
The following demonstrates how to configure the AD9656
JESD204B interface. The steps to configure the output include
the following:
1. Disable the lanes before changing configuration.
2. Select one quick configuration option.
3. Configure the detailed options.
4. Check FCHK, checksum of JESD204B interface parameters.
5. Set additional digital output configuration options.
6. Reenable the lane(s).
Disable Lanes Before Changing Configuration
Before modifying the JESD204B link parameters, disable the link
and hold it in reset. This is accomplished by writing Logic 1 to
Register 0x5F, Bit 0.
Select Quick Configuration Option
Write to Register 0x5E, the JESD204B quick configuration
register to select the configuration options. See Table 15 for the
configuration options and resulting JESD204B parameter values.
•
0x41 = four converters, one lane
•
0x42 = four converters, two lanes
•
0x44 = four converters, four lanes
•
0x21 = two converters, one lane
•
0x22 = two converters, two lanes
•
0x11 = one converter, one lane
Configure Detailed Options
Configure the tail bits and control bits.
•
With N’ = 16 and N = 14 (nondefault configuration), two
bits are available per sample for transmitting additional
information over the JESD204B link. The options are tail
bits or control bits. By default, tail bits of 0b00 value are used.
•
Tail bits are dummy bits sent over the link to complete the
two octets and do not convey any information about the input
signal. Tail bits can be fixed zeros (default) or pseudo-
random numbers (Register 0x5F, Bit 6).
•
One or two control bits can be selected to replace the tail
bits using Register 0x72, Bits[7:6]. The meaning of the
control bits can be set using Register 0x14, Bits[7:5].
Set lane identification values.
•
JESD204B allows parameters to identify the device and
lane. These parameters are transmitted during the ILAS phase,
and they are accessible in the internal registers.
•
The three identification values are device identification
(DID), bank identification (BID), and lane identification
(LID). DID and BID are device specific; therefore, they can
be used for link identification.
Set the number of frames per multiframe, K.
•
Per the JESD204B specification, a multiframe is defined as a
group of K successive frames, where K is from 1 to 32, and
requires that the number of octets be from 17 to 1024. The
K value is set to 32 by default in Register 0x70, Bits[4:0].
Note that the K value is the register value plus 1.
•
The K value can be changed; however, it must comply with
a few conditions. The AD9656 uses a fixed value for octets
per frame (F) based on the JESD204B quick configuration
setting. K must also be a multiple of 4 and conform to the
following equation:
32 ≥ K ≥ Ceil (17/F)
•
The JESD204B specification also specifies that the number
of octets per multiframe (K × F) be from 17 to 1024. The F
value is fixed through the quick configuration setting to
ensure that this relationship is true.
Table 13. JESD204B Configurable Identification Values
DID Value
Register, Bits
Value Range
LID (Lane 0)
0x66, [4:0]
0…31
LID (Lane 1)
0x67, [4:0]
0…31
DID
0x64, [7:0]
0…255
BID
0x65, [3:0]
0…15
Scramble, SCR.
•
Scrambling can be enabled or disabled by setting Register 0x6E,
Bit 7. By default, scrambling is enabled. Per the JESD204B
protocol, scrambling is functional only after the lane
synchronization has completed.
Select lane synchronization options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com