Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9656 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9656 Datasheet HTML 35Page - Analog Devices AD9656 Datasheet HTML 36Page - Analog Devices AD9656 Datasheet HTML 37Page - Analog Devices AD9656 Datasheet HTML 38Page - Analog Devices AD9656 Datasheet HTML 39Page - Analog Devices AD9656 Datasheet HTML 40Page - Analog Devices AD9656 Datasheet HTML 41Page - Analog Devices AD9656 Datasheet HTML 42Page - Analog Devices AD9656 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
AD9656
Data Sheet
Rev. A | Page 38 of 46
MEMORY MAP REGISTER TABLE
The AD9656 uses a 3-wire interface and 16-bit addressing. Bit 0 and Bit 7 in Register 0x00 are set to 0, and Bit 3 and Bit 4 are set to 1.
When Bit 5 in Register 0x00 is set high, the SPI enters a soft reset, where all of the user registers revert to each default value and Bit 2 is
automatically cleared.
Table 19. Memory Map Registers (SPI Registers/Bits Not Labeled Local Are Global)
Addr
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Notes/
Comments
Chip Configuration Registers
0x00
SPI port
configuration
0
LSB first
Soft reset
1
1
Soft reset
LSB first
0
0x18
0x01
Chip ID
8-bit chip ID[7:0]; AD9656 = 0xC0 (quad, 16-bit, 125 MSPS, JESD204B)
0xC0
Read only.
0x02
Chip grade
Open
Speed grade ID[6:4]; 110 = 125 MSPS
Open
Open
Open
Open
0x62
Read only.
Channel Index and Transfer Registers
0x05
Device index
Open
Open
Open
Open
Data
Channel 3
Data
Channel 2
Data
Channel 1
Data
Channel 0
0x0F
0xFF
Transfer
Open
Open
Open
Open
Open
Open
Open
Initiate
Register
0x100
override
(self
clearing)
0x00
ADC Functions
0x08
Power modes
Open
Open
PDWN
pin
function:
0 = full
power-
down,
1 =
standby
JTX
standby
mode:
0 = ignore
standby,
1 = do not
ignore
standby
Reserved
Power mode:
00 = normal operation,
01 = full power-down,
10 = standby,
11 = digital reset
0x00
0x09
Clock
Open
0
Open
Open
Open
Open
Open
Duty cycle
stabilizer:
0 = off,
1 = on
0x00
0x0A
PLL_STATUS
PLL
locked
status bit:
0 = PLL
is not
locked,
1 = PLL
is locked
Open
Open
Open
Open
Open
Open
JTX link
status:
0 = not
ready,
1 = ready
Read only.
0x0B
Clock divider
Open
Open
Open
Open
Open
Clock divider ratio[2:0]:
000 = divide by 1,
001 = divide by 2,
010 = divide by 3,
011 = divide by 4,
100 = divide by 5,
101 = divide by 6,
110 = divide by 7,
111 = divide by 8
0x00
0x0C
Enhancement
control
Open
Open
Open
Open
Open
Chop mode:
0 = off, 1 = on
Open
Open
0x00
0x0D
Test mode
(local except
for pseudo-
random
number
(PN) sequence
resets)
User input test mode:
00 = single,
01 = alternate,
10 = single once,
11 = alternate once,
(affects user input
test mode only,
Bits[3:0] = 1000)
Reset
PN long
generator
Reset
PN short
generator
Output test mode[3:0] (local):
0000 = off (default),
0001 = midscale short,
0010 = positive full scale (FS),
0011 = negative FS,
0100 = alternating checkerboard,
0101 = PN23 sequence,
0110 = PN9 sequence,
0111 = one/zero word toggle,
1000 = user input,
1001 = 1/0 bit toggle,
1010 = 1× sync,
1011 = one bit high,
1100 = mixed bit frequency
0x00
When set,
the test
data is
placed
on the
output
pins in
place of
normal
data.
0x10
Offset adjust
(local)
8-bit device offset adjustment [7:0] (local); offset adjusts in LSBs from +127 to −128 (twos complement format)
0x00
Device
offset trim.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com