Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9656 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9656 Datasheet HTML 3Page - Analog Devices AD9656 Datasheet HTML 4Page - Analog Devices AD9656 Datasheet HTML 5Page - Analog Devices AD9656 Datasheet HTML 6Page - Analog Devices AD9656 Datasheet HTML 7Page - Analog Devices AD9656 Datasheet HTML 8Page - Analog Devices AD9656 Datasheet HTML 9Page - Analog Devices AD9656 Datasheet HTML 10Page - Analog Devices AD9656 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
AD9656
Data Sheet
Rev. A | Page 6 of 46
Parameter1
Temperature
Min
Typ
Max
Unit
TWO-TONE INTERMODULATION DISTORTION (IMD)—INPUT AMPLITUDE = −7.0 dBFS
fIN1 = 70.5 MHz, fIN2 = 72.5 MHz
25°C
−84
dBc
CROSSTALK2
25°C
−93
dB
CROSSTALK (OVERRANGE CONDITION)3
25°C
−89
dB
ANALOG INPUT BANDWIDTH, FULL POWER
25°C
650
MHz
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2 Crosstalk is measured at 70 MHz with −1.0 dBFS analog input on one channel and no input on the adjacent channel.
3 Overrange condition is defined as the input being 3 dB above full scale.
AC SPECIFICATIONS, VREF = 1.0 V
AVDD = 1.8 V, DRVDD = 1.8 V, 2.0 V p-p full-scale differential input, 1.0 V reference, AIN = −1.0 dBFS, 125 MSPS, unless otherwise noted.
Table 4.
Parameter1
Temperature
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 9.7 MHz
25°C
78
dBFS
fIN = 16 MHz
25°C
77.9
dBFS
fIN = 64 MHz
25°C
76.8
dBFS
fIN = 128 MHz
25°C
74.3
dBFS
fIN = 201 MHz
25°C
72.1
dBFS
fIN = 301 MHz
25°C
69.3
dBFS
SIGNAL-TO-NOISE-AND-DISTORTION (SINAD) RATIO
fIN = 9.7 MHz
25°C
78
dBFS
fIN = 16 MHz
25°C
77.7
dBFS
fIN = 64 MHz
25°C
76.1
dBFS
fIN = 128 MHz
25°C
74
dBFS
fIN = 201 MHz
25°C
71.1
dBFS
fIN = 301 MHz
25°C
68.6
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 9.7 MHz
25°C
12.7
Bits
fIN = 16 MHz
25°C
12.6
Bits
fIN = 64 MHz
25°C
12.3
Bits
fIN = 128 MHz
25°C
12.0
Bits
fIN = 201 MHz
25°C
11.5
Bits
fIN = 301 MHz
25°C
11.1
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 9.7 MHz
25°C
99
dBc
fIN = 16 MHz
25°C
92
dBc
fIN = 64 MHz
25°C
89
dBc
fIN = 128 MHz
25°C
87
dBc
fIN = 201 MHz
25°C
78
dBc
fIN = 301 MHz
25°C
78
dBc
WORST HARMONIC (SECOND OR THIRD)
fIN = 9.7 MHz
25°C
−99
dBc
fIN = 16 MHz
25°C
−92
dBc
fIN = 64 MHz
25°C
−89
dBc
fIN = 128 MHz
25°C
−87
dBc
fIN = 201 MHz
25°C
−78
dBc
fIN = 301 MHz
25°C
−78
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com