Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9656 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9656 Datasheet HTML 28Page - Analog Devices AD9656 Datasheet HTML 29Page - Analog Devices AD9656 Datasheet HTML 30Page - Analog Devices AD9656 Datasheet HTML 31Page - Analog Devices AD9656 Datasheet HTML 32Page - Analog Devices AD9656 Datasheet HTML 33Page - Analog Devices AD9656 Datasheet HTML 34Page - Analog Devices AD9656 Datasheet HTML 35Page - Analog Devices AD9656 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Data Sheet
AD9656
Rev. A | Page 31 of 46
Most of the synchronization features of the JESD204B interface
are enabled by default for typical applications. In some cases,
these features can be disabled or modified as follows:
•
ILAS enabling is controlled in Register 0x5F, Bits[3:2] and
is enabled by default. Optionally, to support some unique
instances of the interfaces (such as NMCDA-SL), the
JESD204B interface can be programmed to either disable the
ILAS sequence or continually repeat the ILAS sequence.
The AD9656 has fixed values for some JESD204B interface
parameters, and they are as follows:
•
[N’] = 16: number of bits per sample is 16, in Register 0x73,
Bits[4:0]
•
[CF] = 0: number of control words/frame clock
cycle/converter is 0, in Register 0x75, Bits[4:0]
Verify read only values: lanes per link (L), octets per frame (F),
number of converters (M), and samples per converter per frame
(S). The AD9656 calculates values for some JESD204B parameters
based on other settings, particularly the quick configuration
register selection. The following read only values are available in
the register map for verification:
•
[L] = lanes per link can be 1, 2 or 4; read the values from
Register 0x6E, Bits [4:0]
•
[F] = octets per frame can be 2, 4, or 8; read the value from
Register 0x6F, Bits[7:0]
•
[HD] = high density mode is 0; read the value from
Register 0x75, Bit 7
•
[M] = number of converters per link; default is 4, but can
be 1, 2, or 4. Read the value from Register 0x71, Bits[7:0]
•
[S] = samples per converter per frame is 1; read the value
from Register 0x74, Bits[4:0]
Check FCHK, Checksum of JESD204B Interface Parameters
The JESD204B parameters can be verified through the checksum
value [FCHK] of the JESD204B interface parameters. Each lane has
a FCHK value associated with it. The FCHK value is transmitted
during the ILAS second multiframe and can be read from the
internal registers.
The checksum value is the modulo 256 sum of the parameters
listed in the No. column of Table 14. The checksum is calculated
by adding the parameter fields before they are packed into the
octets shown in Table 14.
The FCHK for the lane configuration for data exiting Lane 0
can be read from Register 0x78. Similarly, the FCHK for the lane
configuration for data exiting Lane 1 can be read from Register
0x79, FCHK for Lane 2 can be read from Register 0x7A, and
FCHK for Lane 3 can be read from Register 0x7B.
Table 14. JESD204B Configuration Table Used in ILAS and
CHKSUM Calculation
No.
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
0
DID[7:0]
1
BID[3:0]
2
LID[4:0]
3
SCR
L[4:0]
4
F[7:0]
5
K[4:0]
6
M[7:0]
7
CS[1:0]
N[4:0]
8
SUBCLASS[2:0]
N’[4:0]
9
JESDV[2:0]
S[4:0]
10
CF[4:0]
Set Additional Digital Output Configuration Options
Other data format controls include the following:
•
Invert polarity of serial output data: Register 0x60, Bit 1
•
ADC data format (offset binary or twos complement):
Register 0x14, Bits[1:0]
•
Options for interpreting signals on the SYSREF± and
SYNCINB± pins: Register 0x3A, Bits[4:3]
•
Option to remap converter (logical lane) and SERDOUTx±
(physical lane) assignments: Register 0x82 and Register 0x83.
See Figure 68 for a simplified conceptual block diagram.
Reenable Lanes After Configuration
After modifying the JESD204B link parameters, enable the link so
that the synchronization process can begin. This is accomplished
by writing Logic 0 to Register 0x5F, Bit 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com