Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9656 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9656 Datasheet HTML 5Page - Analog Devices AD9656 Datasheet HTML 6Page - Analog Devices AD9656 Datasheet HTML 7Page - Analog Devices AD9656 Datasheet HTML 8Page - Analog Devices AD9656 Datasheet HTML 9Page - Analog Devices AD9656 Datasheet HTML 10Page - Analog Devices AD9656 Datasheet HTML 11Page - Analog Devices AD9656 Datasheet HTML 12Page - Analog Devices AD9656 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
AD9656
Data Sheet
Rev. A | Page 8 of 46
Parameter1
Temperature
Min
Typ
Max
Unit
LOGIC INPUTS (CSB, PDWN, SCLK)
Logic 1 Voltage Range
Full
1.2
SVDD + 0.2
V
Logic 0 Voltage Range
Full
0
0.8
V
Input Resistance
25°C
26
kΩ
Input Capacitance
25°C
2
pF
LOGIC INPUT (SDIO)
Logic 1 Voltage Range
Full
1.2
SVDD + 0.2
V
Logic 0 Voltage Range
Full
0
0.8
V
Input Resistance
25°C
26
kΩ
Input Capacitance
25°C
5
pF
LOGIC OUTPUT (SDIO)3
Logic 1 Voltage (IOH = 800 µA)
Full
1.79
V
Logic 0 Voltage (IOL = 50 µA)
Full
0.05
V
DIGITAL OUTPUTS (SERDOUTx±)
Logic Compliance
Full
CML
Differential Output Voltage (VOD)
Full
400
600
750
mV
Output Offset Voltage (VOS)
Full
0.75
DRVDD/2
1.05
V
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Specified for LVDS and LVPECL only.
3
Specified for the SDIO pins on 13 individual AD9656 devices sharing the same connection.
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2.8 V p-p differential input, 1.4 V reference, AIN = −1.0 dBFS, unless otherwise noted.
Table 6.
Parameter1, 2
Temperature
Min
Typ
Max
Unit
CLOCK3
Input Clock Rate
Full
40
1000
MHz
Conversion Rate4
Full
40
125
MSPS
Clock Pulse Width High (tEH)
Full
4.00
ns
Clock Pulse Width Low (tEL)
Full
4.00
ns
SYNC Setup Time to Clock
Full
1.4
ns
SYNC Hold Time to Clock
Full
−0.4
ns
SYSREF Setup Time to Clock (tREFS)5
Full
370
600
ps
SYSREF Hold Time to Clock (tREFH)5
Full
−92
0
ps
DATA OUTPUT PARAMETERS
Data Output Period or Unit Interval (UI)
Full
L/(20 × M × fS)
Seconds
Data Output Duty Cycle
25°C
50
%
Data Valid Time
25°C
0.81
UI
PLL Lock Time (tLOCK)6
25°C
86
µs
Wake-Up Time
Standby
25°C
250
ns
ADC (Power-Down)7
25°C
375
µs
Output (Power-Down)8
25°C
86
µs
SYNCINB Falling Edge to First K.28 Characters
Full
4
Multiframes
CGS Phase K.28 Characters Duration
Full
1
Multiframe
Subclass 1: SYSREF Rising Edge to First Valid K.28 Characters9
Full
5
6
Multiframe
Pipeline Delay
JESD204B M4, L1 Mode (Latency)
Full
23
Cycles10
JESD204B M4, L2 Mode (Latency)
Full
29
Cycles10
JESD204B M4, L4 Mode (Latency)
Full
44
Cycles10
Data Rate per Lane
Full
8.0
Gbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com