Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9289BBC Datasheet(PDF) 4 Page - Analog Devices

Part # AD9289BBC
Description  Serial LVDS 3 V A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289BBC Datasheet(HTML) 4 Page - Analog Devices

  AD9289BBC Datasheet HTML 1Page - Analog Devices AD9289BBC Datasheet HTML 2Page - Analog Devices AD9289BBC Datasheet HTML 3Page - Analog Devices AD9289BBC Datasheet HTML 4Page - Analog Devices AD9289BBC Datasheet HTML 5Page - Analog Devices AD9289BBC Datasheet HTML 6Page - Analog Devices AD9289BBC Datasheet HTML 7Page - Analog Devices AD9289BBC Datasheet HTML 8Page - Analog Devices AD9289BBC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
AD9289
Rev. 0 | Page 3 of 32
SPECIFICATIONS
AVDD = 3.0 V, DRVDD = 3.0 V, conversion rate = 65 MSPS, 2 V p-p differential input, 1.0 V internal reference, AIN = –0.5 dBFS, unless
otherwise noted.
Table 1.
Parameter
Temperature
Test Level
Min
Typ
Max
Unit
RESOLUTION
8
Bits
ACCURACY
No Missing Codes
Full
VI
Guaranteed
Offset Error
Full
VI
±5
±57
mV
Offset Matching
Full
VI
±12
±68
mV
Gain Error 1
Full
VI
±0.5
±2.5
% FS
Gain Matching1
Full
VI
±0.2
±0.9
% FS
Differential Nonlinearity (DNL)
25°C
V
±0.2
LSB
Full
VI
±0.2
±0.6
LSB
Integral Nonlinearity (INL)
25°C
V
±0.25
LSB
Full
VI
±0.25
±0.6
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
±16
ppm/°C
Gain Error
1
Full
V
±40
ppm/°C
Reference Voltage (VREF = 1 V)
Full
V
±10
ppm/°C
REFERENCE
Output Voltage Error (VREF = 1 V)
Full
VI
±10
±35
mV
Load Regulation @ 1.0 mA (VREF = 1 V)
Full
V
0.7
mV
Output Voltage Error (VREF = 0.5 V)
Full
VI
±8
±26
mV
Load Regulation @ 0.5 mA (VREF = 0.5 V)
Full
V
0.2
mV
Input Resistance
Full
V
7
kΩ
COMMON MODE
Common-Mode Level Output
Full
VI
±1.5
±50
mV
ANALOG INPUTS
Differential Input Voltage Range (VREF = 1 V)
Full
VI
2
V p-p
Differential Input Voltage Range (VREF = 0.5 V)
Full
VI
1
V p-p
Common-Mode Voltage
Full
V
1.5
V
Input Capacitance
Full
V
5
pF
Analog Bandwidth, Full Power
Full
V
300
MHz
POWER SUPPLY
AVDD
Full
IV
2.7
3.0
3.3
V
DRVDD
Full
IV
2.7
3.0
3.3
V
IAVDD
2
Full
VI
150
168
mA
DRVDD
2
Full
VI
33
40
mA
Power Dissipation2
Full
VI
550
625
mW
Power-Down Dissipation
Full
VI
7
12
mW
CROSSTALK
Full
V
–75
dB
1 Gain error and gain temperature coefficients are based on the ADC only (with a fixed 1.0 V external reference and a 2 V p-p differential analog input).
2 Power dissipation measured with rated encode and 2.4 MHz analog input at –0.5 dBFS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com