Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9289BBC Datasheet(PDF) 17 Page - Analog Devices

Part # AD9289BBC
Description  Serial LVDS 3 V A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289BBC Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9289BBC Datasheet HTML 13Page - Analog Devices AD9289BBC Datasheet HTML 14Page - Analog Devices AD9289BBC Datasheet HTML 15Page - Analog Devices AD9289BBC Datasheet HTML 16Page - Analog Devices AD9289BBC Datasheet HTML 17Page - Analog Devices AD9289BBC Datasheet HTML 18Page - Analog Devices AD9289BBC Datasheet HTML 19Page - Analog Devices AD9289BBC Datasheet HTML 20Page - Analog Devices AD9289BBC Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AD9289
Rev. 0 | Page 16 of 32
High speed, high resolution ADCs are sensitive to the quality of
the clock input. The degradation in SNR at a given full-scale
input frequency (fA) due only to aperture jitter (tA) can be
calculated with the following equation:
SNR degradation = 20 × log10 [1/2 × π × fA × tA]
In the equation, the rms aperture jitter, tA, represents the root
sum square of all jitter sources, which include the clock input,
analog input signal, and ADC aperture jitter specification.
Applications that require undersampling are particularly
sensitive to jitter.
The LVDS clock input should be treated as an analog signal in
cases where aperture jitter may affect the dynamic range of the
AD9289. Power supplies for clock drivers should be separated
from the ADC output driver supplies to avoid modulating the
clock signal with digital noise. Low jitter, crystal-controlled
oscillators make the best clock sources. If the clock is generated
from another type of source (by gating, dividing, or other
methods), it should be retimed by the original clock at the
last step.
The AD9289 can also support a single-ended CMOS clock.
Refer to the evaluation board schematics to enable this feature.
Power Dissipation and Standby Mode
As shown in Figure 31, the power dissipated by the AD9289 is
proportional to its sample rate. The digital power dissipation
does not vary because it is determined primarily by the strength
of the digital drivers and the load on each output bit.
Digital power consumption can be minimized by reducing the
capacitive load presented to the output drivers. The data in
Figure 31 was collected while a 5 pF load was placed on each
output driver.
The analog circuitry of the AD9289 is optimally biased to
achieve excellent performance while affording reduced
power consumption.
ENCODE (MSPS)
600
550
500
450
400
350
180
160
120
100
140
80
60
40
20
0
10
20
40
30
60
50
70
IAVDD
IDRVDD
POWER
Figure 31. Supply Current vs. fSAMPLE for fIN = 10.3 MHz
By asserting the PDWN pin high, the AD9289 is placed in
standby mode. In this state, the ADC typically dissipates 7 mW.
During standby the LVDS output drivers are placed in a high
impedance state. Reasserting the PDWN pin low returns the
AD9289 into its normal operational mode.
In standby mode, low power dissipation is achieved by shutting
down the reference, reference buffer, and biasing networks. The
decoupling capacitors on REFT and REFB are discharged when
entering standby mode and then must be recharged when
returning to normal operation. As a result, the wake-up time is
related to the time spent in standby mode, and shorter standby
cycles result in proportionally shorter wake-up times. With the
recommended 0.1 µF and 10 µF decoupling capacitors on REFT
and REFB, it takes approximately 1 s to fully discharge the
reference buffer decoupling capacitors and 7 ms to restore full
operation.
Digital Outputs
The AD9289’s differential outputs conform to the ANSI-644
LVDS standard. To set the LVDS bias current place a resistor
(RSET is nominally equal to 3.9 kΩ) to ground at the
LVDSBIAS pin. The RSET resistor current is derived on-chip
and sets the output current at each output equal to a nominal
3.5 mA. A 100 Ω differential termination resistor placed at the
LVDS receiver inputs results in a nominal ±350 mV swing at
the receiver. To adjust the differential signal swing, simply
change the resistor to a different value, as shown in Table 7.
Table 7. LVDSBIAS Pin Configuration
RSET
Differential Output Swing
3.6k
375 mV p-p
3.9k (Default)
350 mV p-p
4.3k
325mV p-p
The AD9289’s LVDS outputs facilitate interfacing with LVDS
receivers in custom ASICs and FPGAs that have LVDS capa-
bility for superior switching performance in noisy environ-
ments. Single point-to-point net topologies are recommended
with a 100 Ω termination resistor placed as close to the receiver
as possible. It is recommended to keep the trace length no
longer than 12 inches and to keep differential output traces
close together and at equal lengths.
The format of the output data can be selected as offset binary or
twos complement. A quick example of each output coding
format can be found in Table 8. The DFS pin is used to set the
format (see Table 9).
Table 8. Digital Output Coding
Code
VIN+ −
VIN− Input
Span = 2 V
p-p (V)
VIN+ −
VIN− Input
Span = 1 V
p-p (V)
Digital
Output Offset
Binary
(D7...D0)
Digital
Output Twos
Complement
(D7...D0)
255
1.000
0.500
1111 1111
0111 1111
128
0
0
1000 0000
0000 0000
127
−0.00781
−0.00391
0111 1111
1111 1111
0
−1.00
−0.5000
0000 0000
1000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com