Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9289BBC Datasheet(PDF) 6 Page - Analog Devices

Part # AD9289BBC
Description  Serial LVDS 3 V A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289BBC Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9289BBC Datasheet HTML 2Page - Analog Devices AD9289BBC Datasheet HTML 3Page - Analog Devices AD9289BBC Datasheet HTML 4Page - Analog Devices AD9289BBC Datasheet HTML 5Page - Analog Devices AD9289BBC Datasheet HTML 6Page - Analog Devices AD9289BBC Datasheet HTML 7Page - Analog Devices AD9289BBC Datasheet HTML 8Page - Analog Devices AD9289BBC Datasheet HTML 9Page - Analog Devices AD9289BBC Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AD9289
Rev. 0 | Page 5 of 32
SWITCHING SPECIFICATIONS
AVDD = 3.0 V, DRVDD = 3.0 V, conversion rate = 65 MSPS, 2 V p-p differential input, 1.0 V internal reference, AIN = –0.5 dBFS, unless
otherwise noted.
Table 4.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
CLOCK
Maximum Clock Rate
Full
VI
65
MSPS
Minimum Clock Rate
Full
IV
12
MSPS
Clock Pulse Width High (tEH)
Full
VI
6.9
7.7
ns
Clock Pulse Width Low (tEL)
Full
VI
6.9
7.7
ns
OUTPUT PARAMETERS
Valid Time (tV)1
Full
IV
0.5
<1.5
CLK cycles
Propagation Delay (tPD)
Full
VI
6.9
9.0
11.6
ns
Rise Time (tR) (20% to 80%)
Full
V
250
ps
Fall Time (tF) (20% to 80%)
Full
V
250
ps
FCO Propagation Delay (tFCO)
Full
V
9.0
ns
DCO Propagation Delay (tCPD)
Full
V
9.0
ns
DCO-to-Data Delay (tDATA)
Full
VI
±100
±550
ps
DCO-to-FCO Delay (tFRAME)
Full
VI
±100
±500
ps
Data-to-Data Skew (tDATA-MAX – tDATA-MIN)
Full
IV
±100
±250
ps
PLL Lock Time (tLOCK)
25°C
V
1.8
µs
Wake-Up Time
25°C
V
7
ms
Pipeline Latency
Full
IV
6
CLK cycles
APERTURE
Aperture Delay (tA)
25°C
V
4.5
ns
Aperture Uncertainty (Jitter)
25°C
V
<1
ps rms
OUT-OF-RANGE RECOVERY TIME
25°C
V
1
CLK cycles
1 Actual valid time is dependent on the moment when LOCK goes low.
TIMING DIAGRAMS
LOCK
DCO–
DCO+
D1–
D1+
FCO–
FCO+
CLK–
AIN
CLK+
N-1
N
tEH
tCPD
tDATA
tV
tFRAME
MSB
(N-7)
D6
(N-7)
D5
(N-7)
D4
(N-7)
D3
(N-7)
D2
(N-7)
D1
(N-7)
LSB
(N-7)
MSB
(N-6)
tFCO
tPD
tEL
tA
STATIC
STATIC
STATIC
INVALID
STATIC
STATIC
STATIC
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com