Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9289BBC Datasheet(PDF) 29 Page - Analog Devices

Part # AD9289BBC
Description  Serial LVDS 3 V A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289BBC Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9289BBC Datasheet HTML 25Page - Analog Devices AD9289BBC Datasheet HTML 26Page - Analog Devices AD9289BBC Datasheet HTML 27Page - Analog Devices AD9289BBC Datasheet HTML 28Page - Analog Devices AD9289BBC Datasheet HTML 29Page - Analog Devices AD9289BBC Datasheet HTML 30Page - Analog Devices AD9289BBC Datasheet HTML 31Page - Analog Devices AD9289BBC Datasheet HTML 32Page - Analog Devices AD9289BBC Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AD9289
Rev. 0 | Page 28 of 32
Table 11. Evaluation Board Bill of Materials (BOM)
Item
Qnty.
per
Board
REFDES
Device
Package
Value
Manufacturing
Mfg. Part Number
1
1
AD9289 BGA
REVA/PCB
PCB
PCB
PCB
PCSM
PCSM
2
1
Assembly
Protronics
Protronics
3
8
R46, R48, R60, R61,
R98, R99, R113, R114
RES_402
402
0
Yageo America
9C04021A0R00JLHF3
4
8
R5, R7, R8, R9, R10,
R17, R33, R39
RES_402
402
10
Susumu Co Ltd
RR0510R-100-D
5
8
R22,R49, R52, R55,
R79, R92, R101, R106
RES_402
402
25
Susumu Co Ltd
RR0510R-240-D
6
8
R11,R14, R23, R27,
R31, R34, R44, R47
RES_402
402
33
Susumu Co Ltd
RR0510R-330-D
7
4
R38, R56, R91, R107
RES_402
402
50
Panasonic-ECG
ERJ-L14KF50MU
8
1
R73
RES_402
402
100
Yageo America
9C04021A1000FLHF3
9
8
R45, R50, R57, R58,
R93, R94, R108, R111
RES_402
402
1K
Panasonic-ECG
ERJ-2GEJ102X
10
4
R35, R53, R81, R103
RES_402
402
1.2K
Panasonic-ECG
ERJ-2GEJ122X
11
13
R6, R32, R36, R51,
R54, R72, R75, R78,
R90, R100, R104, R37,
R76
RES_402
402
10K
Susumu Co Ltd
RR0510P-103-D
12
6
R62, R63, R64, R65,
R66, R71
BRES603
603
0
Panasonic-ECG
ERJ-3GEY0R00V
13
1
R102
BRES603
603
22
Susumu Co Ltd
RR0816Q-220-D
14
5
R15, R30, R41, R42,
R83
BRES603
603
50
Susumu Co Ltd
RR0816Q-49R9-D-68R
15
23
R1, R12, R13, R16,
R18, R19, R20, R21,
R24, R29, R40, R43,
R59, R68, R69, R70,
R74, R77, R80, R82,
R84, R109, R110
BRES603
603
1K
Susumu Co Ltd
RR0816P-102-D
16
2
R96, R97
BRES603
603
XXX
17
4
C10, C21, C30, C41
CAP402
402
20PF
Kemet
C0402C220J5GACTU
18
36
C1, C35, C44, C47,
C80, C250, C600,
C11, C12, C14, C37,
C40, C48, C63, C64,
C65, C66, C67, C68,
C69, C70, C71, C72,
C73
CAP402
402
1UF
Panasonic-ECG
ECJ-0EF1C104Z
19
17
C2, C3, C4,
BYPASSCAP
603
0.1UF
Kemet
C0603C104Z3VACTU
C5, C6, C7, C15, C16,
C18, C20, C25, C29,
C36, C53, C108,
C110, C183
20
3
C100, C120, C163
TANTALUMB
805
10UF
Panasonic-ECG
ECJ-2FB0J106M
21
3
C170, C171, C176
TANTALUMB
T491B06K01
10UF
Kemet
T491B106K016AS
22
16
L1, L2 ,L3, L4, L6, L9,
L10, L11, L12, L13,
L19, L20, L21, L22,
L27, L28
INDUCTOR_6
603
120NH
Murata
BLM18BB750SN1D
23
3
L5,L7,L8
IND1210
1210
10UH
Panasonic-ECG
ELJ-SA100KF
24
1
P6
PTMICRO6
PTMICRO6
6-Pole PCB
Header
Wieland
Z5.531.3625.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com