Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9289BBC Datasheet(PDF) 11 Page - Analog Devices

Part # AD9289BBC
Description  Serial LVDS 3 V A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289BBC Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9289BBC Datasheet HTML 7Page - Analog Devices AD9289BBC Datasheet HTML 8Page - Analog Devices AD9289BBC Datasheet HTML 9Page - Analog Devices AD9289BBC Datasheet HTML 10Page - Analog Devices AD9289BBC Datasheet HTML 11Page - Analog Devices AD9289BBC Datasheet HTML 12Page - Analog Devices AD9289BBC Datasheet HTML 13Page - Analog Devices AD9289BBC Datasheet HTML 14Page - Analog Devices AD9289BBC Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AD9289
Rev. 0 | Page 10 of 32
2V p-p, SNR (dB)
2V p-p, SFDR (dBc)
1V p-p, SNR (dB)
1V p-p, SFDR (dBc)
70dB REFERENCE LINE
ANALOG INPUT LEVEL (dBFS)
75
60
40
30
50
20
10
0
–40
–35
–25
–30
–10
–15
–20
–5
0
Figure 15. SNR/SFDR vs. Analog Input Level, fSAMPLE = 65 MSPS,
fIN = 2.4 MHz
2V p-p, SNR (dB)
2V p-p, SFDR (dBc)
1V p-p, SNR (dB)
1V p-p, SFDR (dBc)
70dB REFERENCE LINE
ANALOG INPUT LEVEL (dBFS)
75
60
40
30
50
20
10
0
–40
–35
–25
–30
–10
–15
–20
–5
0
Figure 16. SNR/SFDR vs. Analog Input Level, fSAMPLE = 65 MSPS,
fIN = 10.3 MHz
2V p-p, SNR (dB)
2V p-p, SFDR (dBc)
1V p-p, SNR (dB)
1V p-p, SFDR (dBc)
70dB REFERENCE LINE
ANALOG INPUT LEVEL (dBFS)
75
60
40
30
50
20
10
0
–40
–35
–25
–30
–10
–15
–20
–5
0
Figure 17. SNR/SFDR vs. Analog Input Level, fSAMPLE = 65 MSPS,
fIN = 35 MHz
SFDR (dBc)
SNR (dB)
FREQUENCY (MHz)
75
70
60
55
65
50
45
0.1
1
10
100
Figure 18. SNR/SFDR vs. fIN, fSAMPLE = 65 MHz
FREQUENCY (MHz)
0
–20
–40
–60
–80
–100
0.0
4.1
12.2
8.1
20.3
16.3
24.4
28.4
32.5
AIN1 AND AIN2 = –7.0dBFS
SFDR = 69.9dBc
IMD2 = 74.9dBc
IMD3 = 72.9dBc
Figure 19. Two-Tone 32k FFT with fIN1 = 15 MHz and fIN2 = 16 MHz,
fSAMPLE = 65 MSPS
SFDR (dBc)
70dB REFERENCE LINE
ANALOG INPUT LEVEL (dBFS)
80
70
40
50
30
60
20
10
0
–40
–35
–25
–30
–10
–15
–20
–5
0
Figure 20. Two-Tone SFDR vs. Analog Input Level with fIN1 = 15 MHz and
fIN2 = 16 MHz, fSAMPLE = 65 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com