Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9289BBC Datasheet(PDF) 13 Page - Analog Devices

Part # AD9289BBC
Description  Serial LVDS 3 V A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289BBC Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9289BBC Datasheet HTML 9Page - Analog Devices AD9289BBC Datasheet HTML 10Page - Analog Devices AD9289BBC Datasheet HTML 11Page - Analog Devices AD9289BBC Datasheet HTML 12Page - Analog Devices AD9289BBC Datasheet HTML 13Page - Analog Devices AD9289BBC Datasheet HTML 14Page - Analog Devices AD9289BBC Datasheet HTML 15Page - Analog Devices AD9289BBC Datasheet HTML 16Page - Analog Devices AD9289BBC Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AD9289
Rev. 0 | Page 12 of 32
TERMINOLOGY
Analog Bandwidth
Analog Bandwidth is the analog input frequency at which the
spectral power of the fundamental frequency (as determined by
the FFT analysis) is reduced by 3 dB from full scale.
Aperture Delay
Aperture delay is a measure of the sample-and-hold amplifier
(SHA) performance and is measured from the 50% point rising
edge of the clock input to the time at which the input signal is
held for conversion.
Aperture Uncertainty (Jitter)
Aperture jitter is the variation in aperture delay for successive
samples and can be manifested as frequency-dependent noise
on the ADC input.
Clock Pulse Width and Duty Cycle
Pulse width high is the minimum amount of time that the clock
pulse should be left in the Logic 1 state to achieve a rated
performance. Pulse width low is the minimum time the clock
pulse should be left in the low state. At a given clock rate, these
specifications define an acceptable clock duty cycle.
Crosstalk
Crosstalk is defined as the coupling of a channel when all
channels are driven by a full-scale signal.
Differential Analog Input Capacitance
The complex impedance simulated at each analog input port.
Differential Analog Input Voltage Range
The peak-to-peak differential voltage that must be applied to
the converter to generate a full-scale response. Peak differential
voltage is computed by observing the voltage on a pin and
subtracting the voltage from a second pin that is 180° out of
phase. Peak-to-peak differential is computed by rotating the
input phase 180° and taking the peak measurement again. The
difference is computed between both peak measurements.
Differential Nonlinearity (DNL, No Missing Codes)
An ideal ADC exhibits code transitions that are exactly 1 LSB
apart. DNL is the deviation from this ideal value. Guaranteed no
missing codes to an 8-bit resolution indicates that all 256 codes,
respectively, must be present over all operating ranges.
Effective Number of Bits (ENOB)
For a sine wave, SINAD can be expressed in terms of the
number of bits. Using the following formula, it is possible to
obtain a measure of performance expressed as N, the effective
number of bits:
N = (SINAD – 1.76)/6.02
Thus, the effective number of bits for a device for sine wave
inputs at a given input frequency can be calculated directly
from its measured SINAD.
Gain Error
The largest gain error is specified and is considered the
difference between the measured and ideal full-scale input
voltage range.
Gain Matching
Expressed in %FSR. Computed using the following equation:
%
100
2
min
max
min
max
×
⎟
⎠
⎞
⎜
⎝
⎛
+
−
=
FSR
FSR
FSR
FSR
ng
GainMatchi
where FSRMAX is the most positive gain error of the ADCs, and
FSRMIN is the most negative gain error of the ADCs.
Second and Third Harmonic Distortion
The ratio of the rms signal amplitude to the rms value of the
second or third harmonic component, reported in dBc.
Integral Nonlinearity (INL)
INL refers to the deviation of each individual code from a line
drawn from negative full scale through positive full scale The
point used as negative full scale occurs 1/2 LSB before the first
code transition. Positive full scale is defined as a level 1 1/2 LSB
beyond the last code transition. The deviation is measured from
the middle of each particular code to the true straight line.
Offset Error
The largest offset error is specified and is considered the
difference between the measured and ideal voltage at the analog
input that produces the midscale code at the outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com