Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9289BBC Datasheet(PDF) 5 Page - Analog Devices

Part # AD9289BBC
Description  Serial LVDS 3 V A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289BBC Datasheet(HTML) 5 Page - Analog Devices

  AD9289BBC Datasheet HTML 1Page - Analog Devices AD9289BBC Datasheet HTML 2Page - Analog Devices AD9289BBC Datasheet HTML 3Page - Analog Devices AD9289BBC Datasheet HTML 4Page - Analog Devices AD9289BBC Datasheet HTML 5Page - Analog Devices AD9289BBC Datasheet HTML 6Page - Analog Devices AD9289BBC Datasheet HTML 7Page - Analog Devices AD9289BBC Datasheet HTML 8Page - Analog Devices AD9289BBC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AD9289
Rev. 0 | Page 4 of 32
AC SPECIFICATIONS
AVDD = 3.0 V, DRVDD = 3.0 V, conversion rate = 65 MSPS, 2 V p-p differential input, 1.0 V internal reference, AIN = –0.5 dBFS, unless
otherwise noted.
Table 2.
Parameter
Temperature
Test Level
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 2.4 MHz
Full
IV
47.7
49.0
dB
fIN = 10.3 MHz
25°C
V
48.5
dB
fIN = 35 MHz
Full
VI
46.7
48.0
dB
SIGNAL-TO-NOISE RATIO (SINAD)
fIN = 2.4 MHz
Full
IV
47.6
48.9
dB
fIN = 10.3 MHz
25°C
V
48.4
dB
fIN = 35 MHz
Full
VI
46.2
47.5
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.4 MHz
Full
IV
7.6
7.8
Bits
fIN = 10.3 MHz
25°C
V
7.7
Bits
fIN = 35 MHz
Full
VI
7.4
7.6
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 2.4 MHz
Full
IV
61.0
70.0
dBc
fIN = 10.3 MHz
25°C
V
68.0
dBc
fIN = 35 MHz
Full
VI
54.0
65.0
dBc
WORST HARMONIC (Second or Third)
fIN = 2.4 MHz
Full
IV
–75.0
–61.0
dBc
fIN = 10.3 MHz
25°C
V
–70.0
dBc
fIN = 35 MHz
Full
VI
–65.0
–54.0
dBc
WORST OTHER (Excluding Second or Third)
fIN = 2.4 MHz
Full
IV
–70.0
–61.0
dBc
fIN = 10.3 MHz
25°C
V
–68.0
dBc
fIN = 35 MHz
Full
VI
–65.0
–57.5
dBc
TWO TONE INTERMOD DISTORTION (IMD)
AIN1 and AIN2 = –7.0 dBFS
fIN1 = 15 MHz
fIN2 = 16 MHz
25°C
V
–72.0
dBc
DIGITAL SPECIFICATIONS
AVDD = 3.0 V, DRVDD = 3.0 V, conversion rate = 65 MSPS, 2 V p-p differential input, 1.0 V internal reference, AIN = –0.5 dBFS, unless
otherwise noted.
Table 3.
Parameter
Temperature
Test Level
Min
Typ
Max
Unit
CLOCK INPUTS1 (CLK+, CLK–)
Logic Compliance
LVDS
Differential Input Voltage
Full
IV
250
350
450
mV p-p
High Level Input Current
Full
VI
30
75
µA
Low Level Input Current
Full
VI
30
75
µA
Input Common-Mode Voltage
Full
IV
1.125
1.25
1.375
V
Input Resistance
25°C
V
100
kΩ
Input Capacitance
25°C
V
2
pF
LOGIC INPUTS (DFS, PDWN, SHARED_REF)
Logic 1 Voltage
Full
IV
2.0
V
Logic 0 Voltage
Full
IV
0.8
V
Input Resistance
25°C
V
30
kΩ
Input Capacitance
25°C
V
4
pF
LOGIC OUTPUTS (LOCK)
Logic 1 Voltage
Full
IV
2.45
V
Logic 0 Voltage
Full
IV
0.05
V
DIGITAL OUTPUTS (D1+, D1–)
Logic Compliance
LVDS
Differential Output Voltage
Full
VI
260
350
440
mV
Output Offset Voltage
Full
VI
1.15
1.25
1.35
V
Output Coding
Full
VI
Twos complement or binary
1 Clock inputs are LVDS-compatible. They require external dc bias and cannot be ac-coupled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com