Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC924FDH Datasheet(PDF) 41 Page - NXP Semiconductors

Part # P89LPC924FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC924FDH Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button P89LPC924FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 39Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 40Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 42Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 43Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 44Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
Philips Semiconductors
P89LPC924/925
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 03 — 15 December 2004
41 of 49
9397 750 14471
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
Typical ratings are not guaranteed. The values listed are at room temperature, 3 V.
[2]
The IDD(oper),IDD(idle), and IDD(PD) specifications are measured using an external clock with the following functions disabled: comparators,
brownout detect, and watchdog timer.
[3]
See Table 7 “Limiting values[1]” on page 39 for steady state (non-transient) limits on IOL or IOH. If IOL/IOH exceeds the test condition,
VOL/VOH may exceed the related specification.
[4]
Pin capacitance is characterized but not tested.
[5]
Measured with port in quasi-bidirectional mode.
[6]
Measured with port in high-impedance mode.
[7]
Ports in quasi-bidirectional mode with weak pull-up (applies to all port pins with pull-ups). Does not apply to open-drain pins.
[8]
Port pins source a transition current when used in quasi-bidirectional mode and externally driven from ‘1’ to ‘0’. This current is highest
when VIN is approximately 2 V.
VBO
brownout trip voltage with
BOV = ‘0’, BOPD = ‘1’
2.4 V < VDD < 3.6 V
2.40
-
2.70
V
VREF
bandgap reference voltage
1.11
1.23
1.34
V
TC(VREF)
bandgap temperature coefficient
-
10
20
ppm/
°C
Table 8:
DC electrical characteristics…continued
VDD = 2.4 V to 3.6 V, unless otherwise specified.
Tamb = −40 °Cto+85 °C for industrial, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com