Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC924FDH Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P89LPC924FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC924FDH Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P89LPC924FDH Datasheet HTML 35Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 36Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 39Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 40Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 42Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Philips Semiconductors
P89LPC924/925
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 03 — 15 December 2004
39 of 49
9397 750 14471
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
9.
Limiting values
[1]
The following applies to Limiting values:
a) Stresses above those listed under Table 7 may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any conditions other than those described in Table 8 “DC electrical characteristics”, Table 9 “AC
characteristics” and Table 10 “AC characteristics” of this specification are not implied.
b) This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maximum.
c) Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
Table 7:
Limiting values[1]
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Tamb(bias)
operating bias ambient temperature
−55
+125
°C
Tstg
storage temperature range
−65
+150
°C
Vxtal
voltage on XTAL1, XTAL2 pin to VSS
-VDD + 0.5
V
Vn
voltage on any other pin to VSS
−0.5
+5.5
V
IOH(I/O)
HIGH-level output current per I/O pin
-
8
mA
IOL(I/O)
LOW-level output current per I/O pin
-
20
mA
II/O(tot)(max)
maximum total I/O current
-
80
mA
Ptot(pack)
total power dissipation per package
based on package heat
transfer, not device power
consumption
-
1.5
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com