Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC924FDH Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P89LPC924FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC924FDH Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P89LPC924FDH Datasheet HTML 17Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 18Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 19Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 20Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 21Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 22Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 23Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 24Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Philips Semiconductors
P89LPC924/925
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 03 — 15 December 2004
21 of 49
9397 750 14471
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.9.5
Boundary limits interrupt
The A/D converter has both a high and low boundary limit register. After the four
MSBs have been converted, these four bits are compared with the four MSBs of the
boundary high and low registers. If the four MSBs of the conversion are outside the
limit an interrupt will be generated, if enabled. If the conversion result is within the
limits, the boundary limits will again be compared after all 8 bits have been converted.
An interrupt will be generated, if enabled, if the result is outside the boundary limits.
The boundary limit may be disabled by clearing the boundary limit interrupt enable.
8.9.6
DAC output to a port pin with high output impedance
The A/D converter’s DAC block can be output to a port pin. In this mode, the
AD1DAT3 register is used to hold the value fed to the DAC. After a value has been
written to the DAC, the DAC output will appear on the channel 3 pin.
8.9.7
Clock divider
The A/D converter requires that its internal clock source be in the range of 500 kHz to
3.3 MHz to maintain accuracy. A programmable clock divider that divides the clock
from 1 to 8 is provided for this purpose.
8.9.8
Power-down and idle mode
In idle mode the A/D converter, if enabled, will continue to function and can cause the
device to exit idle mode when the conversion is completed if the A/D interrupt is
enabled. In Power-down mode or Total power-down mode, the A/D does not function.
If the A/D is enabled, it will consume power. Power can be reduced by disabling the
A/D.
8.10 Memory organization
The various P89LPC924/925 memory spaces are as follows:
• DATA
128 bytes of internal data memory space (00h:7Fh) accessed via direct or indirect
addressing, using instruction other than MOVX and MOVC. All or part of the Stack
may be in this area.
• IDATA
Indirect Data. 256 bytes of internal data memory space (00h:FFh) accessed via
indirect addressing using instructions other than MOVX and MOVC. All or part of
the Stack may be in this area. This area includes the DATA area and the 128 bytes
immediately above it.
• SFR
Special Function Registers. Selected CPU registers and peripheral control and
status registers, accessible only via direct addressing.
• CODE
64 kB of Code memory space, accessed as part of program execution and via the
MOVC instruction. The P89LPC924/925 has 4 kB/8 kB of on-chip Code memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com