Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC924FDH Datasheet(PDF) 16 Page - NXP Semiconductors

Part # P89LPC924FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC924FDH Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button P89LPC924FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 14Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 15Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 16Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 17Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 18Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 19Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Philips Semiconductors
P89LPC924/925
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 03 — 15 December 2004
16 of 49
9397 750 14471
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Fig 4.
Block diagram of oscillator control.
÷2
002aaa790
RTC
ADC1/
DAC1
CPU
WDT
BAUD RATE
GENERATOR
DIVM
CCLK
UART
OSCCLK
I2C
PCLK
TIMER 0 and
TIMER 1
High freq.
Med. freq.
Low freq.
XTAL1
XTAL2
RC
OSCILLATOR
WATCHDOG
OSCILLATOR
(7.3728 MHz)
(400 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com