Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC924FDH Datasheet(PDF) 27 Page - NXP Semiconductors

Part # P89LPC924FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC924FDH Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button P89LPC924FDH Datasheet HTML 23Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 24Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 25Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 26Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 27Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 28Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 29Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 30Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
Philips Semiconductors
P89LPC924/925
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 03 — 15 December 2004
27 of 49
9397 750 14471
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Remark: During a power cycle, VDD must fall below VPOR (see Table 8 “DC electrical
characteristics” on page 40) before power is reapplied, in order to ensure a power-on
reset.
Reset can be triggered from the following sources:
• External reset pin (during power-up or if user configured via UCFG1. This option
must be used for an oscillator frequency above 12 MHz);
• Power-on detect;
• Brownout detect;
• Watchdog Timer;
• Software reset;
• UART break character detect reset.
For every reset source, there is a flag in the Reset Register, RSTSRC. The user can
read this register to determine the most recent reset source. These flag bits can be
cleared in software by writing a ‘0’ to the corresponding bit. More than one flag bit
may be set:
• During a power-on reset, both POF and BOF are set but the other flag bits are
cleared.
• For any other reset, previously set flag bits that have not been cleared will remain
set.
8.16.1
Reset vector
Following reset, the P89LPC924/925 will fetch instructions from either address 0000h
or the Boot address. The Boot address is formed by using the Boot Vector as the high
byte of the address and the low byte of the address = 00h.
The Boot address will be used if a UART break reset occurs, or the non-volatile Boot
Status bit (BOOTSTAT.0) = 1, or the device is forced into ISP mode during power-on
(see
P89LPC924/925 User’s Manual). Otherwise, instructions will be fetched from
address 0000H.
8.17 Timers/counters 0 and 1
The P89LPC924/925 has two general purpose counter/timers which are upward
compatible with the standard 80C51 Timer 0 and Timer 1. Both can be configured to
operate either as timers or event counter. An option to automatically toggle the T0
and/or T1 pins upon timer overflow has been added.
In the ‘Timer’ function, the register is incremented every machine cycle.
In the ‘Counter’ function, the register is incremented in response to a 1-to-0 transition
at its corresponding external input pin, T0 or T1. In this function, the external input is
sampled once during every machine cycle.
Timer 0 and Timer 1 have five operating modes (modes 0, 1, 2, 3 and 6). Modes 0, 1,
2 and 6 are the same for both Timers/Counters. Mode 3 is different.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com