Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC924FDH Datasheet(PDF) 30 Page - NXP Semiconductors

Part # P89LPC924FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC924FDH Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button P89LPC924FDH Datasheet HTML 26Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 27Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 28Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 29Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 30Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 31Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 32Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 33Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Philips Semiconductors
P89LPC924/925
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 03 — 15 December 2004
30 of 49
9397 750 14471
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.19.6
Framing error
Framing error is reported in the status register (SSTAT). In addition, if SMOD0
(PCON.6) is ‘1’, framing errors can be made available in SCON.7 respectively. If
SMOD0 is ‘0’, SCON.7 is SM0. It is recommended that SM0 and SM1 (SCON.7:6)
are set up when SMOD0 is ‘0’.
8.19.7
Break detect
Break detect is reported in the status register (SSTAT). A break is detected when
11 consecutive bits are sensed LOW. The break detect can be used to reset the
device and force the device into ISP mode.
8.19.8
Double buffering
The UART has a transmit double buffer that allows buffering of the next character to
be written to SBUF while the first character is being transmitted. Double buffering
allows transmission of a string of characters with only one stop bit between any two
characters, as long as the next character is written between the start bit and the stop
bit of the previous character.
Double buffering can be disabled. If disabled (DBMOD, i.e., SSTAT.7 = ‘0’), the UART
is compatible with the conventional 80C51 UART. If enabled, the UART allows writing
to SnBUF while the previous data is being shifted out. Double buffering is only
allowed in Modes 1, 2 and 3. When operated in Mode 0, double buffering must be
disabled (DBMOD = ‘0’).
8.19.9
Transmit interrupts with double buffering enabled (Modes 1, 2 and 3)
Unlike the conventional UART, in double buffering mode, the Tx interrupt is generated
when the double buffer is ready to receive new data.
8.19.10
The 9th bit (bit 8) in double buffering (Modes 1, 2 and 3)
If double buffering is disabled TB8 can be written before or after SBUF is written, as
long as TB8 is updated some time before that bit is shifted out. TB8 must not be
changed until the bit is shifted out, as indicated by the Tx interrupt.
If double buffering is enabled, TB8 must be updated before SBUF is written, as TB8
will be double-buffered together with SBUF data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com