Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC924FDH Datasheet(PDF) 38 Page - NXP Semiconductors

Part # P89LPC924FDH
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC924FDH Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button P89LPC924FDH Datasheet HTML 34Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 35Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 36Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 39Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 40Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC924FDH Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Philips Semiconductors
P89LPC924/925
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 03 — 15 December 2004
38 of 49
9397 750 14471
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
In-System Programming (ISP): In-System Programming is performed without
removing the microcontroller from the system. The In-System Programming facility
consists of a series of internal hardware resources coupled with internal firmware to
facilitate remote programming of the P89LPC924/925 through the serial port. This
firmware is provided by Philips and embedded within each P89LPC924/925 device.
The Philips In-System Programming facility has made in-system programming in an
embedded application possible with a minimum of additional expense in components
and circuit board area. The ISP function uses five pins (VDD, VSS, TXD, RXD, and
RST). Only a small connector needs to be available to interface your application to an
external circuit in order to use this feature. Please see the
P89LPC924/925 User’s
Manual for additional details.
In-Application Programming (IAP): Several In-Application Programming (IAP) calls
are available for use by an application program to permit selective erasing and
programming of Flash sectors, pages, security bits, configuration bytes, and device
identification. All calls are made through a common interface, PGM_MTP. The
programming functions are selected by setting up the microcontroller’s registers
before making a call to PGM_MTP at FF03H. Please see the
P89LPC924/925 User’s
Manual for additional details.
In-Circuit Programming (ICP): In-Circuit Programming is a method intended to
allow commercial programmers to program and erase these devices without
removing the microcontroller from the system. The In-Circuit Programming facility
consists of a series of internal hardware resources to facilitate remote programming
of the P89LPC924/925 through a two-wire serial interface. Philips has made in-circuit
programming in an embedded application possible with a minimum of additional
expense in components and circuit board area. The ICP function uses five pins (VDD,
VSS, P0.5, P0.4, and RST). Only a small connector needs to be available to interface
your application to an external programmer in order to use this feature.
8.26 User configuration bytes
A number of user-configurable features of the P89LPC924/925 must be defined at
power-up and therefore cannot be set by the program after start of execution. These
features are configured through the use of the Flash byte UCFG1. Please see the
P89LPC924/925 User’s Manual for additional details.
8.27 User sector security bytes
There are four or eight User Sector Security Bytes, depending on the device, each
corresponding to one sector. Please see the
P89LPC924/925 User’s Manual for
additional details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com