Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC400 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # ABC400
Description  Power Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC400 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  ABC400 Datasheet HTML 1Page - Bel Fuse Inc. ABC400 Datasheet HTML 2Page - Bel Fuse Inc. ABC400 Datasheet HTML 3Page - Bel Fuse Inc. ABC400 Datasheet HTML 4Page - Bel Fuse Inc. ABC400 Datasheet HTML 5Page - Bel Fuse Inc. ABC400 Datasheet HTML 6Page - Bel Fuse Inc. ABC400 Datasheet HTML 7Page - Bel Fuse Inc. ABC400 Datasheet HTML 8Page - Bel Fuse Inc. ABC400 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ABC400 Series
© 2015 Bel Power Solutions, Inc.
+1.866.513.2839
tech.support@psbel.com
BCD.00186_AD
General Condition:
TA = -10… 50 °C unless otherwise noted. Active fan air cooling required: 200 LFM (1 m/s)
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNIT
Vi nom
Nominal input voltage
100
240
VAC
Vi
Input voltage ranges
Normal operating (
Vi min to Vi max)
90
264
VAC
Ii max
Max input current
6.5
Arms
Ii p
Inrush current limitation
Vi nom = 115 VAC, T = 25°C (see Figure 2)
Vi nom = 230 VAC, T = 25°C (see Figure 3)
30
60
Ap
Fi
Input frequency
47
50/60
63
Hz
PF
Power factor
Vi nom = 264 VAC, > 0.5 Io nom
0.9
W/VA
Vi on
Turn-on input voltage1
Ramping up
80
88
VAC
Vi off
Turn-off input voltage1
Ramping down
72
80
VAC
η
Efficiency
Vi nom = 230 VAC, 0.5
∙Io nom, Vo nom, TA = 25 °C
89
%
Vi nom = 230 VAC, 1.0
∙Io nom, Vo nom, TA = 25 °C
90
Thold
Hold-up Time
After last AC zero point,
Vo within regulation,
Vi = 115 VAC, Po nom
16
ms
INPUT FUSE
A slow-blow 8A input fuses (5 × 20 mm) in series with live line inside the power supply protects against severe defects. The
fuse and a VDR form together with the input filter an effective protection against high input transients.
INRUSH CURRENT
The AC-DC power supply exhibits an X-capacitance of only 1.47
μF, resulting in a low and short peak current, when the
supply is connected to the mains. The internal bulk capacitor will be charged through an power resistor which will limit the
inrush current (see
Figure 2 and 3).
Figure 2: Inrush current, Vin = 115Vac, 90° CH2: Vin (250V/div), CH3: Iin (10A/div)
1 The power supply is provided with a minimum hysteresis of 8 V during turn-on and turn-off within the ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com